Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 306 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 306 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 302Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 303Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 304Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 305Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 306Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 307Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 308Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 309Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 310Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
BB
The Bus Busy bit indicates the bus is busy. It is set when the bus is active (i.e., a low
level on either SDAn or SCLn) or by a Start Condition. It is cleared when the module is
disabled, on detection of a Stop Condition, or when writing 1 to this bit. See section
Section 29.6 Usage Notes for a description of the use of this bit.
0 – Bus is not busy.
1 – Bus is busy.
MATCH
The Address Match bit indicates in slave mode when ACBnADDR.SAEN is set and the
first seven bits of the address byte (the first byte transferred after a Start Condition)
matches the 7-bit address in the ACBnADDR register, or when ACBnADDR2.SAEN is
set and the first seven bits of the address byte matches the 7-bit address in the
ACBnADDR2 register. It is cleared by Start Condition or repeated Start and Stop
Condition (including illegal Start or Stop Condition).
0 – No address match occurred.
1 – Address match occurred.
GCMTCH
The Global Call Match bit is set in slave mode when the ACBnCTL1.GCMEN bit is set
and the address byte (the first byte transferred after a Start Condition) is 00h. It is
cleared by a Start Condition or repeated Start and Stop Condition (including illegal Start
or Stop Condition).
0 – No global call match occurred.
1 – Global call match occurred.
TSDA
The Test SDA bit samples the state of the SDAn signal. This bit can be used while
recovering from an error condition in which the SDAn signal is constantly pulled low by a
slave that went out of sync. This bit is a read-only bit. Data written to it is ignored.
TGSCL
The Toggle SCL bit enables toggling the SCLn signal during error recovery. When the
SDAn signal is low, writing 1 to this bit drives the SCn signal high for one cycle. Writing 1
to TGSCL when the SDAn signal is high is ignored. The bit is cleared when the clock
toggle is completed.
0 – Writing 0 has no effect.
1 – Writing 1 toggles the SDAn signal high for one cycle.
MATCHAF
The Match Address Field bit indicates which of two address fields matched the slave
address. If both fields match, the MATCHAF bit is cleared. The MATCHAF bit is cleared
by a Start condition, repeated Start condition, or Stop condition. Illegal Start and Stop
conditions also clear the MATCHAF bit.
0 – ACBnADDR.ADDR field matched the slave address.
1 – ACBnADDR2.ADDR field matched the slave address.
ARPMATCH
The ARP Address Match bit indicates when an ARP match occurs. This bit is set in slave
mode when ACBnCTL3.ARPEN is set and the address byte (first byte transferred after a
Start condition) is 110 0001b. The ARPMATCH bit is cleared by a Start condition,
repeated Start condition, or Stop condition. Illegal Start and Stop conditions also clear
the ARPMATCH bit.
0 – Slave address was not 110 0001b.
1 – ARP address match enabled, and slave address was 110 0001b.
29.5.4 ACBn Control Register 1 (ACBnCTL1)
The ACBnCTL1 registers are 8-bit, read/write registers that configure and control the ACB modules.
Following reset, Idle mode, Halt mode, and disabling the module, the ACBnCTL1 register is cleared.
7
6
5
4
3
2
1
0
STASTRE
NMINTE
GCMEN
ACK
DMAEN
INTEN
STOP
START
306
Dual ACCESS.bus Interfaces
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com