Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 308 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 308 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 304Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 305Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 306Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 307Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 308Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 309Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 310Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 311Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 312Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
STASTRE The Stall After Start Enable bit enables the stall after start mechanism. When enabled, the
ACB is stalled after the address byte. When the STASTRE bit is clear, the ACBnST.STASTR
bit is always clear.
0 – No stall after start.
1 – Stall-after-start enabled.
29.5.5 ACBn Control Register 2 (ACBnCTL2)
The ACBnCTL2 registers are 8-bit, read/write registers that control the module and select the ACB clock
rate. At reset, the ACBnCTL2 register is cleared.
7
1M
0
SCLFRQ6:0
ENABLE
ENABLE
The Enable bit controls the ACB module. When this bit is set, the ACB module is enabled.
When the Enable bit is clear, the ACB module is disabled, the ACBnCTL1, ACBnST, and
ACBnCST registers are cleared, and the clocks are halted.
0 – ACB module disabled.
1 – ACB module enabled.
SCLFRQ6: The SCL Frequency field specifies the low 7 bits of the SCLn period (low time plus high
0
time) in master mode. The ACBnCTL3 register holds the high 2 bits. The clock low time and
high time are defined as follows:
tSCLl = tSCLh = 2 × SCLFRQ8:0 × tCLK in which tCLK is the PCLK Clock period. The
SCLFRQ8:0 field may have values in the range of 008h through 1FFh. Other values are
reserved.
29.5.6 ACBn Control Register 3 (ACBnCTL3)
The ACBnCTL3 registers are 8-bit, read/write registers that expand the clock prescaler field and enable
ARP matches. At reset, the ACBnCTL3 registers are cleared.
7
3
2
1
0
Reserved
ARPMEN
SCLFRQ8:7
ARPMEN
The ARP Match Enable bit enables the matching of an incoming address byte to the SMBus
ARP address 110 0001b general call address (Start condition followed by address byte of
00h), while the ACB is in slave mode.
0 – ACB does not respond to ARP addresses.
1 – ARP address matching enabled.
SCLFRQ
The SCL Frequency field specifies the SCL period (low time plus high time) in master mode.
The ACBnCTL3 register provides a 2-bit expansion of this field, with the remaining 7 bits
being held in the ACBnCTL2 register.
29.5.7 ACBn Own Address Register 1 (ACBnADDR1)
The ACBnADDR1 registers are 8-bit, read/write registers that hold the module’s first ACCESS.bus
address. After reset, their values are undefined.
7
6
0
SAEN
ADDR
308
Dual ACCESS.bus Interfaces
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com