Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 307 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 307 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 303Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 304Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 305Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 306Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 307Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 308Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 309Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 310Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 311Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
START
The Start bit is set to generate a Start Condition on the ACCESS.bus. The START bit is
cleared when the Start Condition is sent, or upon detection of a Bus Error (ACBnST.BER =
1). This bit should be set only when in Master mode, or when requesting Master mode. If this
device is not the active master of the bus (ACBnST.MASTER = 0), setting the START bit
generates a Start Condition as soon as the ACCESS.bus is free (ACBnCST.BB = 0). An
address send sequence should then be performed. If this device is the active master of the
bus (ACBnST.MASTER = 1), when the START bit is set, a write to the ACBnSDA register
generates a Start Condition, then the ACBnSDA data is transmitted as the slave’s address
and the requested transfer direction. This case is a repeated Start Condition. It may be used
to switch the direction of the data flow between the master and the slave, or to choose
another slave device without using a Stop Condition in between.
0 – Writing 0 has no effect.
1 – Writing 1 generates a Start condition.
STOP
The Stop bit in master mode generates a Stop Condition that completes or aborts the current
message transfer. This bit clears itself after the Stop condition is issued.
0 – Writing 0 has no effect.
1 – Writing 1 generates a Stop condition.
INTEN
The Interrupt Enable bit controls asserting ACB interrupts. When the INTEN bit is cleared,
interrupts are disabled. When the INTEN bit is set, interrupts are enabled.
0 – Interrupts disabled.
1 – Interrupts enabled.
An interrupt is asserted on any of the following events:
● An address MATCH is detected (ACBnST.NMATCH = 1) and the NMINTE bit is set.
● A Bus Error occurs (ACBnST.BERR = 1).
● Negative acknowledge after sending a byte (ACBnST.NEGACK = 1).
● If DMA is not enabled, an interrupt is asserted on acknowledgement of each transaction
(same as hardware setting the ACBnST.SDAST bit).
● If ACBnCTL1.STASTRE = 1, in master mode after a successful start (ACBnST.STASTR =
1).
● Detection of a Stop Condition while in slave receive mode (ACBnST.SLVSTP = 1).
DMAEN
The DMA Enable bit controls whether DMA requests are enabled. A DMA request is asserted
at the end of any data transaction (ACBnST.SDAST = 1). If INTEN is set, interrupts are
generated upon occurrence of any error or a new match).
0 – DMA requests disabled.
1 – DMA requests enabled.
ACK
The Acknowledge bit holds the value this device sends in master or slave mode during the
next acknowledge cycle. Setting this bit to 1 instructs the transmitting device to stop sending
data, since the receiver either does not need, or cannot receive, any more data. This bit is
cleared after the first acknowledge cycle. This bit is ignored when in transmit mode.
GCMEN
The Global Call Match Enable bit enables the match of an incoming address byte to the
general call address (Start Condition followed by address byte of 00h) while the ACB is in
slave mode. When cleared, the ACB does not respond to a global call.
0 – Global call matching disabled.
1 – Global call matching enabled.
NMINTE
The New Match Interrupt Enable controls whether ACB interrupts are generated on new
matches. Set the NMINTE bit to enable the interrupt on a new match (i.e., when
ACBnST.NMATCH is set). The interrupt is issued only if the ACBnCTL1.INTEN bit is set.
This bit must be set when using DMA for the data transfer.
0 – New match interrupts disabled.
1 – New match interrupts enabled.
Copyright © 2013, Texas Instruments Incorporated
Dual ACCESS.bus Interfaces
307
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com