Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 304 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 304 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 300Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 301Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 302Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 303Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 304Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 305Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 306Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 307Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 308Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
Table 29-1. ACCESS.bus Interface Registers (continued)
NAME
ADDRESS
DESCRIPTION
ACB0CST
FF 8008h
ACB0 Control Status Register
ACB1CST
FF 5408h
ACB1 Control Status Register
ACB0CTL1
FF 800Ch
ACB0 Control Register 1
ACB1CTL1
FF 540Ch
ACB1 Control Register 1
ACB0CTL2
FF 8014h
ACB0 Control Register 2
ACB1CTL2
FF 5414h
ACB1 Control Register 2
ACB0CTL3
FF 801Ch
ACB0 Control Register 3
ACB1CTL3
FF 541Ch
ACB1 Control Register 3
ACB0ADDR1
FF 8010h
ACB0 Own Address Register 1
ACB1ADDR1
FF 5410h
ACB1 Own Address Register 1
ACB0ADDR2
FF 8018h
ACB0 Own Address Register 2
ACB1ADDR2
FF 5418h
ACB1 Own Address Register 2
29.5.1 ACBn Serial Data Register (ACBnSDA)
The ACBnSDA registers are 8-bit, read/write shift registers used to transmit and receive data. The most
significant bit is transmitted (received) first and the least significant bit is transmitted (received) last.
Reading or writing the ACBnSDA registers is allowed when ACBnST.SDAST is set; or for repeated starts
after setting the START bit. An attempt to access the register in other cases produces unpredictable
results.
7
0
DATA
29.5.2 ACBn Status Register (ACBnST)
The ACBnST registers are 8-bit, read/write registers that indicate the ACB status. The NMATCH,
STASTR, NEGACK, BER, and SLVSTP bits may be cleared by writing 1 to them. Writing 0 has no effect
on these bits. Following reset, Idle mode, Halt mode, and disabling the module, these registers are clear.
7
6
5
4
3
2
1
0
SLVSTP
SDAST
BER
NEGACK
STASTR
NMATCH
MASTER
XMIT
XMIT
The Direction Bit bit is set when the ACB module is currently in master/slave transmit mode.
Otherwise it is cleared.
0 – Receive mode.
1 – Transmit mode.
MASTER
The Master bit indicates that the module is currently in master mode. It is set when a
request for bus mastership succeeds. It is cleared upon arbitration loss (BER is set) or the
recognition of a Stop Condition.
0 – Slave mode.
1 – Master mode.
NMATCH
The New match bit is set when the address byte following a Start Condition, or repeated
starts, causes a match or a global-call match. The NMATCH bit is cleared when written with
1. Writing 0 to NMATCH is ignored. If the ACBnCTL1.INTEN bit is set, an interrupt is sent
when this bit is set. When NMATCH is set DMA requests are not asserted.
0 – No match.
1 – Match or global-call match.
304
Dual ACCESS.bus Interfaces
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com