Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 310 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 310 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 306Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 307Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 308Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 309Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 310Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 311Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 312Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 313Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 314Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 407 page
background image
Interrupt
(IRQ69)
DS445
5-Bit Clock Divider
16-Bit Prescaler
(RTPRD)
32-Bit Counter
(RTCLD/RTCRD)
Compare Register 2
(RTCCMP2)
Compare Register 3
(RTCCMP3)
Compare Register 1
(RTCCMP1)
Interrupt Enable
Register (RTCIEN)
32.768 kHz
Slow Clock
1 Hz Clock
(Typ.)
Reset
1024 Hz
Clock (Typ.)
Wake-Up Input
(WUI63)
Wake-Up Input
(WUI62)
Wake-Up Input
(WUI61)
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
•
In some cases, the bus may get stuck with the SCLn or SDAn lines active. A possible cause is an
erroneous Start or Stop Condition that occurs in the middle of a slave receive session. When the SCLn
signal is stuck active, there is nothing that can be done, and it is the responsibility of the module that
holds the bus to release it. When the SDAn signal is stuck active, the ACB module enables the release
of the bus by using the following sequence. Note that in normal cases, the SCLn signal may be toggled
only by the bus master. This protocol is a recovery scheme which is an exception that should be used
only in the case when there is no other master on the bus. The recovery procedure is as follows:
1. Disable and re-enable the module to set it into the not addressed slave mode
2. Set the ACBnCTL1.START bit to make an attempt to issue a Start Condition.
3. Check if the SDAn signal is active (low) by reading ACBnCST.TSDA bit. If it is active, issue a single
SCLn cycle by writing 1 to ACBnCST.TGSCL bit. If the SDAn line is not active, continue from
step 5.
4. Check if the ACBnST.MASTER bit is set, which indicates that the Start Condition was sent. If not,
repeat step 3 and 4 until the SDAn signal is released.
5. Clear the BB bit. This enables the START bit to be executed. Continue according to section
Section 29.2.1.8 Bus Idle Error Recovery
30 Real Time Clock
The Real Time Clock module (RTC) implements a 32-bit counter with a 16-bit programmable prescaler,
driven by the 32.768 kHz Slow Clock through a 5-bit clock divider, as shown in Figure 30-1. This provides
a time base with a long wraparound period (over 136 years) and the ability to schedule long-duration time
delays and periodic interrupts. Three compare registers are implemented: one register for asserting an
interrupt on wraparound of the programmable prescaler and two registers for asserting interrupts when the
32-bit counter reaches specified values.
The RTC is typically programmed to divide a 32.768 kHz Slow Clock by 32, which provides a 1024 Hz
clock input to the 16-bit prescaler. The prescaler is typically programmed for division by 1024, resulting in
a 1 Hz clock input to the 32-bit counter. However, the RTC can operate with a different Slow Clock
frequency, an input clock divisor of 1, 2, 4, 8, 16, or 32, and any integer prescaler divisor between 1 and
65,536 (decimal).
Figure 30-1. Real Time Clock
310
Real Time Clock
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com