Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 313 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 313 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 309Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 310Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 311Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 312Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 313Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 314Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 315Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 316Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 317Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
30.4.3 RTC Event and Interrupt Status Register (RTCEIST)
The RTCEIST register is an 8-bit, read/write register that indicates the status of match events from the
compare registers. Individual bits in this register can be cleared by writing them with 1. At system reset or
power-on reset, this register is cleared to 00h.
7
3
2
1
0
Reserved
RTCEVT3
RTCEVT2
RTCEVT1
RTCEVT1 The RTC Event 1 bit indicates a match occurred between the RTCCMP1 register and the 16-
bit prescaler.
0 – No match occurred since this bit was last cleared.
1 – A match occurred.
RTCEVT2 The RTC Event 2 bit indicates a match occurred between the RTCCMP2 register and the 32-
bit counter.
0 – No match occurred since this bit was last cleared.
1 – A match occurred.
RTCEVT3 The RTC Event 3 bit indicates a match occurred between the RTCCMP3 register and the 32-
bit counter.
0 – No match occurred since this bit was last cleared.
1 – A match occurred.
30.4.4 RTC Interrupt Enable Register (RTCIEN)
The RTCIEN register is an 8-bit, read/write register that enables interrupts from the compare registers. At
system reset or power-on reset, this register is cleared to 00h.
7
3
2
1
0
Reserved
RTCIEN3
RTCIEN2
RTCIEN1
RTCIEN1
The RTC Interrupt Enable 1 bit is used to en- able an interrupt when a match occurs between
the 16-bit prescalar and the RTCCMP1 register.
0 – Interrupt disabled.
1 – Interrupt enabled.
RTCIEN2
The RTC Interrupt Enable 2 bit is used to en- able an interrupt when a match occurs between
the 32-bit counter and the RTCCMP2 register.
0 – Interrupt disabled.
1 – Interrupt enabled.
RTCIEN3
The RTC Interrupt Enable 3 bit is used to en- able an interrupt when a match occurs between
the 32-bit counter and the RTCCMP3 register.
0 – Interrupt disabled.
1 – Interrupt enabled.
30.4.5 RTC Prescaler Read Register (RTPRD)
The RTPRD register is a 16-bit, read-only register used to read the current value of the 16-bit prescaler.
System reset does not affect this register. At power-on reset, this register is cleared to 0000h.
15
0
RTPRD
30.4.6 RTC Counter Read Register (RTCRD)
The RTCRD register is a 32-bit, read-only register used to read the current value of the 32-bit counter.
System reset does not affect this register. At power-on reset, this register is initialized to 0000 0001h.
Copyright © 2013, Texas Instruments Incorporated
Real Time Clock
313
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com