Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 315 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 315 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 311Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 312Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 313Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 314Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 315Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 316Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 317Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 318Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 319Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 407 page
background image
SLCLK
TIMER
f
f
(TWTM0 1) prescaler
u
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
31 Timing and Watchdog Module
The Timing and Watchdog Module (TWM) generates the clocks and interrupts used for timing periodic
functions in the system; it also provides Watchdog protection over soft- ware execution.
The TWM is designed to provide flexibility in system design by configuring various clock ratios and by
selecting the Watchdog clock source. After setting the TWM configuration, software can lock it for a higher
level of protection against erroneous software action. Once the TWM is locked, only reset can release it.
31.1 TWM Structure
Figure 115 is a block diagram showing the internal structure of the Timing and Watchdog module. There
are two main sections: the Real-Time Timer (T0) section at the top and the Watchdog section on the
bottom.
All counting activities of the module are based on the Slow Clock (SLCLK). A prescaler counter divides
this clock to make a slower clock. The prescaler factor is defined by a 3- bit field in the Timer and
Watchdog Prescaler register, which selects either 1, 2, 4, 8, 16, or 32 as the divisor. Therefore, the
prescaled clock period can be 2, 4, 8, 16, or 32 times the Slow Clock period. The prescaled clock signal is
called T0IN.
31.2 Timer to Operation
Timer T0 is a programmable 16-bit down counter that can be used as the time base for real-time
operations such as a periodic audible tick. It can also be used to drive the Watch- dog circuit.
The timer starts counting from the value loaded into the TWMT0 register and counts down on each rising
edge of T0IN. When the timer reaches zero, it is automatically reloaded from the TWMT0 register and
continues counting down from that value. Therefore, the frequency of the timer is:
(12)
When an external crystal oscillator is used as the SLCLK source or when the fast clock is divided
accordingly, fSLCLK is 32.768 kHz.
The value stored in TWMT0 can range from 0001h to FFFFh.
Copyright © 2013, Texas Instruments Incorporated
Timing and Watchdog Module
315
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com