Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 319 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 319 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 315Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 316Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 317Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 318Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 319Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 320Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 321Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 322Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 323Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
31.4.2 Timer and Watchdog Clock Prescaler Register (TWCP)
The TWCP register is a byte-wide, read/write register that specifies the prescaler value used for dividing
the low-frequency clock to generate the T0IN clock. At reset, the non-reserved bits of the register are
cleared. The register format is shown below.
7
3M M2
0
Reserved
MDIV
MDIV
Main Clock Divide. This 3-bit field defines the prescaler factor used for dividing the low speed
device clock to create the T0IN clock. The allowed 3-bit values and the corresponding clock
divisors and clock rates are listed below.
Clock Divisor
MDIV
T0IN Frequency
(fSCLK = 32.768 kHz)
000
1
32.768 kHz
001
2
16.384 kHz
010
4
8.192 kHz
011
8
4.096 kHz
100
16
2.056 kHz
101
32
1.024 kHz
Other
Reserved
N/A
31.4.3 TWM Timer 0 Register (TWMT0)
The TWMT0 register is a 16-bit, read/write register that de- fines the T0OUT interrupt rate. At reset,
TWMT0 register is initialized to FFFFh. The register format is shown below.
15
0
PRESET
PRESET
The Timer T0 Preset field holds the value used to reload Timer T0 on each underflow.
Therefore, the frequency of the Timer T0 interrupt is the frequency of T0IN divided by
(PRESET+1). The allowed values of PRESET are 0001h through FFFFh.
31.4.4 TWMT0 Control and Status Register (T0CSR)
The T0CSR register is a byte-wide, read/write register that controls Timer T0 and shows its current status.
At reset, the non-reserved bits of the register are cleared. The register format is shown below.
7
5
4
3
2
1
0
Reserved
FRZT0E
WDLTD
T0INTE
TC
RST
RST
The Restart bit is used to reset Timer T0. When this bit is set, it forces the timer to reload the
value in the TWMT0 register on the next rising edge of the selected input clock. The RST bit
is reset automatically by the hardware on the same rising edge of the selected input clock.
Writing a 0 to this bit position has no effect. At reset, the non-reserved bits of the register are
cleared.
0 – Writing 0 has no effect.
1 – Writing 1 resets Timer T0.
TC
The Terminal Count bit is set by hardware when the Timer T0 count reaches zero and is
cleared when software reads the T0CSR register. It is a read-only bit. Any data written to this
bit position is ignored.
0 – Timer T0 did not count down to 0.
1 – Timer T0 counted down to 0.
Copyright © 2013, Texas Instruments Incorporated
Timing and Watchdog Module
319
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com