Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 320 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 320 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 316Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 317Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 318Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 319Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 320Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 321Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 322Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 323Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 324Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 407 page
background image
Peripheral Bus Clock
PRESET
6
2
Watchdog Clock
§
·
§
·
!
u
¨
¸
¨
¸
©
¹
©
¹
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
T0INTE
The Timer T0 Interrupt Enable bit enables an interrupt to the CPU each time the Timer T0
count reaches zero. When this bit is clear, Timer T0 interrupts are disabled.
0 – Timer T0 interrupts disabled.
1 – Timer T0 interrupts enabled.
WDLTD
The Watchdog Last Touch Delay bit is set when either WDCNT or WDSDM is written and the
data transfer to the Watchdog is in progress (see WDCNT and WDSDM register description).
When clear, it is safe to switch to Power Save mode.
0 – No data transfer to the Watchdog is in progress, safe to enter Power Save mode.
1 – Data transfer to the Watchdog in progress.
FRZT0E
The Freeze Timer 0 Enable bit controls whether Timer 0 is stopped in Freeze mode. If this bit
is set, the Timer 0 is frozen (stopped) when the Freeze input to the TWM is asserted. If the
FRZT0E bit is clear, only the Watchdog timer is frozen by asserting the Freeze input signal.
After reset, this bit is clear.
0 – Timer T0 unaffected by Freeze mode.
1 – Timer T0 stopped in Freeze mode.
31.4.5 Watchdog Count Register (WDCNT)
The WDCNT register is a byte-wide, write-only register that holds the value that is loaded into the
Watchdog counter each time the Watchdog is serviced. The Watchdog is started by the first write to this
register. Each successive write to this register restarts the Watchdog count with the written value. At reset,
this register is initialized to 0Fh.
7
0
PRESET
The WDCNT register operates from PCLK Clock, not Slow Clock. Because the rest of the Watchdog
service mechanism operates from Slow Clock, there is a small amount of latency between the write to the
WDCNT register and the actual service of the Watchdog. Due to this latency it is not recommended to use
small PRESET values. In Power Save mode, it is even more important because the latency time (in clock
cycles) is even longer than in Active mode. The minimum PRESET value must be large enough to satisfy
this latency, which is expressed in this relation:
(13)
31.4.6 Watchdog Service Data Match Register (WDSDM)
The WSDSM register is a byte-wide, write-only register used for servicing the Watchdog. When this type
of servicing is enabled (TWCFG.WDSDME = 1), the Watchdog is serviced by writing the value 5Ch to the
WSDSM register. Each such servicing reloads the Watchdog counter with the value previously written to
the WDCNT register. Writing any data other than 5Ch triggers a Watchdog error. Writing to the register
more than once in one Watchdog clock cycle also triggers a Watchdog error signal. If this type of servicing
is disabled (TWCFG.WDSDME = 0), any write to the WSDSM register is ignored.
7
0
RSTDATA
31.5 Watchdog Programming Procedure
The highest level of protection against software errors is achieved by programming and then locking the
Watchdog registers and using the WDSDM register for servicing. This is the procedure:
1. Write the desired values into the TWM Clock Prescaler register (TWCP) and the TWM Timer 0 register
(TWMT0) to control the T0IN and T0OUT clock rates. The frequency of T0IN can be programmed to
any of six frequencies ranging from 1/32 × fSLCLK to fSLCLK. The frequency of T0OUT is equal to the
320
Timing and Watchdog Module
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com