Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 323 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 323 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 319Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 320Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 321Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 322Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 323Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 324Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 325Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 326Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 327Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 407 page
background image
Prescaler
Output
TBn
Counter
Clock
DS450
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
32.1.2.4 Pulse Accumulate Mode
The counter can also be configured to count prescaler output clock pulses when the TBn input is high and
not count when the TBn input is low, as illustrated in Figure 32-3. The resulting count is an indicator of the
cumulative time that the TBn input is high. This is called the "pulse-accumulate" mode. In this mode, an
AND gate generates a clock signal for the counter whenever a prescaler clock pulse is generated and the
TBn input is high. (The polarity of the TBn signal is programmable, so the counter can count when the
TBn input is low rather than high.) The pulse-accumulate mode is not available in the capture modes
(modes 2 and 4) because the TBn pin is used as one of the two capture inputs.
Figure 32-3. Pulse-Accumulate Mode
32.1.2.5 Slow Clock
Slow Clock can be selected as the clock source for the two 16-bit counters. Because Slow Clock can be
asynchronous, it must be synchronized to PCLK Clock, therefore the maximum input frequency of Slow
Clock is the PCLK Clock fre- quency divided by four.
32.1.2.6 Limitations in Low-Power Modes
The Power Save mode drives Slow Clock onto HCLK Clock. In this mode, Slow Clock cannot be used as
a clock source for the timers because it would have the same frequency or a higher frequency than PCLK
Clock, and the clock ratio needed for synchronization to PCLK Clock would not be maintained. However,
the External Event Clock and Pulse Accumulate Mode will still work, as long as the external event pulses
are at least the length of the PCLK Clock period.
Idle and Halt modes stop HCLK Clock and PCLK Clock. If PCLK Clock is stopped, the timer stops
counting until PCLK Clock resumes operation.
32.2 Timer Operating Modes
Each timer/counter unit can be configured to operate in the following modes:
•
Processor-Independent Pulse Width Modulation (PWM) mode
•
Dual-Input Capture mode
•
Dual Independent Timer mode
•
Single-Input Capture and Single Timer mode
At reset, the timers are disabled. To configure and start the timers, software must write a set of values to
the registers that control the timers. The registers are described in Section Section 32.4
32.2.1 Mode 1: Processor-Independent PWM
Mode 1 is the Processor-Independent Pulse Width Modulation (PWM) mode, which generates pulses of a
specified width and duty cycle, and which also provides a separate general-purpose timer/counter.
Copyright © 2013, Texas Instruments Incorporated
Dual Multi-Function Timers
323
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com