Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 325 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 325 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 321Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 322Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 323Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 324Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 325Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 326Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 327Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 328Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 329Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 407 page
background image
Timer/Counter 1
TCNT1_n
Timer 1
Clock
Capture A
TCRA_n
TAPND
TAn
TAIEN
Timer
Interrupt 1
Preset
Underflow
TAEN
TCPND
TCIEN
Timer
Interrupt 1
Capture B
TCRB_n
TBn
Timer/Counter 2
TnCNT2_n
Timer 2
Clock
Underflow
TDPND
TDIEN
Timer
Interrupt 2
TBPND
TBIEN
Timer
Interrupt 1
Preset
TBEN
DS452
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
32.2.2 Mode 2: Dual Input Capture
Mode 2 is the Dual Input Capture mode, which measures the elapsed time between occurrences of
external events, and which also provides a separate general-purpose timer/ counter.
Figure 32-5 is a block diagram of the Multi-Function Timer configured to operate in Mode 2. The time base
of the capture timer depends on Timer/Counter 1, which counts down using the clock selected with the
Timer/Counter 1 clock selector. The TAn and TBn pins function as capture inputs. A transition received on
the TAn pin transfers the timer contents to the TCRA_n register. Similarly, a transition received on the TBn
pin transfers the timer contents to the TCRB_n register. Each input pin can be configured to sense either
rising or falling edges.
The TAn and TBn inputs can be configured to preset the counter to FFFFh on reception of a valid capture
event. In this case, the current value of the counter is transferred to the corresponding capture register
and then the counter is preset to FFFFh. Using this approach allows software to determine the on-time
and off-time and period of an external signal with a minimum of CPU overhead.
The values captured in the TCRA_n register at different times reflect the elapsed time between transitions
on the TAn pin. The same is true for the TCRB_n register and the TBn pin. The input signal on the TAn or
TBn pin must have a pulse width equal to or greater than one PCLK Clock cycle.
There are three separate interrupts associated with the capture timer, each with its own enable bit and
pending bit. The three interrupt events are reception of a transition on the TAn pin, reception of a
transition on the TBn pin, and underflow of the TCNT1_n counter. The enable bits for these events are
TAIEN, TBIEN, and TCIEN, respectively.
In Mode 2, Timer/Counter 2 (TCNT2_n) can be used as a simple system timer. The clock counts down
using the clock selected with the Timer/Counter 2 clock selector. It asserts an interrupt upon each
underflow if the interrupt is enabled with the TDIEN bit.
Neither Timer/Counter 1 (TCNT1_n) nor Timer/Counter 2 (TCNT2_n) can be configured to operate as an
external event counter or to operate in the pulse-accumulate mode because the TBn input is used as a
capture input. Attempting to select one of these configurations will cause one or both counters to stop.
Figure 32-5. Dual-Input Capture Mode
Copyright © 2013, Texas Instruments Incorporated
Dual Multi-Function Timers
325
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com