Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 329 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 329 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 325Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 326Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 327Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 328Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 329Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 330Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 331Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 332Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 333Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Table 32-1. Timer Interrupts Overview (continued)
Mode 2
Mode 4
Interrupt
Mode 1
Mode 3
Sys. Int.
Dual Input Capture +
Single Capture +
Pending Bit
PWM + Counter
Dual Counter
Counter
Counter
Timer Int. 2
TDPND
TCNT2_n underflow
TCNT2_n underflow
TCNT2_n reload from
TCNT2_n underflow
(TBn Int.)
TCRB_n
Table 32-2. Timer I/O Functions
TAEN
Mode 1
Mode 2
Mode 3
Mode 4
I/O
TBEN
PWM + Counter
Dual Input Capture + Counter
Dual Counter
Single Capture + Counter
TAEN = 0
No Output
Capture TCNT1 into TCRA
No Output Toggle
No Output Toggle
TBEN = X
TA
TAEN = 1
Toggle Output on
Capture TCNT1 into
Toggle Output on
Toggle Output on
TBEN = X
Underflow of TCNT1
TCRA and Preset TCNT1
Underflow of TCNT1 Underflow of TCNT1
TAEN = X
Ext. Event or
Ext. Event or
TBEN = 0
Pulse Accumulate
Capture TCNT1 into TCRB
Pulse Accumulate
Capture TCNT2 into TCRB
Input
Input
TB
TAEN = X
Ext. Event or
Ext. Event or
Capture TCNT1 into
Capture TCNT2 into
TBEN = 1
Pulse Accumulate
Pulse Accumulate
TCRB and Preset TCNT1
TCRB and Preset TCNT2
Input
Input
32.5 Timer Registers
Table 32-3 lists the CPU-accessible registers used to control the Multi-Function Timers.
Table 32-3. Multi-Function Timer Registers
NAME
ADDRESS
DESCRIPTION
TPRSC_0
FF 9010h
MFT0 Clock Prescaler Register
TPRSC_1
FF 6010h
RMFT1 Clock Prescale Register
TCKC_0
FF 9014h
MFT0 Clock Unit Control Register
TCKC_1
FF 6014h
MFT1 Clock Unit Control Register
TCNT1_0
FF 9000h
MFT0 Timer/Counter 1 Register
TCNT1_1
FF 6000h
MFT1 Timer/Counter 1 Register
TCNT2_0
FF 900Ch
MFT0 Timer/Counter 2 Register
TCNT2_1
FF 600Ch
MFT1 Timer/Counter 2 Register
TCRA_0
FF 9004h
MFT0 Reload/Capture A Register
TCRA_1
FF 6004h
MFT1 Reload/Capture A Register
TCRB_0
FF 9008h
MFT0 Reload/Capture B Register
TCRB_1
FF 6008h
MFT1 Reload/Capture B Register
TMCTRL_0
FF 9018h
MFT0 Timer Mode Control Register
TMCTRL_1
FF 6018h
MFT1 Timer Mode Control Register
TICTL_0
FF 901Ch
MFT0 Timer Interrupt Control Register
TICTL_1
FF 601Ch
MFT1 Timer Interrupt Control Register
TICLR_0
FF 9020h
MFT0 Timer Interrupt Clear Register
TICLR_1
FF 6020h
MFT1 Timer Interrupt Clear Register
32.5.1 Clock Prescaler Register n (TPRSC_n)
The TPRSC_n register is a byte-wide, read/write register that holds the current value of the 5-bit clock
prescaler (CLKPS). This register is cleared on reset. The register format is shown below.
Copyright © 2013, Texas Instruments Incorporated
Dual Multi-Function Timers
329
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com