Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 333 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 333 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 329Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 330Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 331Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 332Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 333Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 334Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 335Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 336Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 337Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
TCIEN
The Timer Interrupt C Enable bit controls whether an interrupt is asserted on each occurrence
of interrupt condition C. For an explanation of interrupt conditions A, B, C, and D, see
Table 32-1.
0 – Condition C interrupts disabled.
1 – Condition C interrupts enabled.
TDIEN
The Timer Interrupt D Enable bit controls whether an interrupt is asserted on each occurrence
of interrupt condition D. For an explanation of interrupt conditions A, B, C, and D, see
Table 32-1.
0 – Condition D interrupts disabled.
1 – Condition D interrupts enabled.
32.5.9 Timer Interrupt Clear Register n (TICLR_n)
The TICLR_n register is a byte-wide, write-only register that allows software to clear the TAPND, TBPND,
TCPND, and TDPND bits in the Timer Interrupt Control (TICTL_n) register. Do not modify this register with
instructions that access the register as a read-modify-write operand, such as the bit manipulation
instructions. The register reads as FFh. The register format is shown below.
7
4
3
2
1
0
Reserved
TDCLR
TCCLR
TBCLR
TACLR
TACLR
The Timer Pending A Clear bit is used to clear the Timer Interrupt Source A Pending bit
(TAPND) in the Timer Interrupt Control regi ter (TICTL).
0 – Writing a 0 has no effect.
1 – Writing a 1 clears the TAPND bit.
TBCLR
The Timer Pending A Clear bit is used to clear the Timer Interrupt Source B Pending bit (TB-
PND) in the Timer Interrupt Control register (TICTL).
0 – Writing a 0 has no effect.
1 – Writing a 1 clears the TBPND bit.
TCCLR
The Timer Pending C Clear bit is used to clear the Timer Interrupt Source C Pending bit
(TCPND) in the Timer Interrupt Control register (TICTL_n).
0 – Writing a 0 has no effect.
1 – Writing a 1 clears the TCPND bit.
TDCLR
The Timer Pending D Clear bit is used to clear the Timer Interrupt Source D Pending bit (TD-
PND) in the Timer Interrupt Control register (TICTL_n).
0 – Writing a 0 has no effect.
1 – Writing a 1 clears the TDPND bit.
Copyright © 2013, Texas Instruments Incorporated
Dual Multi-Function Timers
333
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com