Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 332 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 332 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 328Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 329Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 330Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 331Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 332Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 333Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 334Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 335Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 336Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
TEN
The Timer Enable bit controls whether the Multi-Function Timer is enabled. When the module
is disabled all clocks to the counter unit are stopped to minimize power consump- tion. For
that reason, the timer/counter registers (TCNT1_n and TCNT2_n), the capture/ reload
registers (TCRA_n and TCRB_n), and the interrupt pending bits (TXPND) cannot be written in
this mode. Also, the 5-bit clock prescaler and the interrupt pending bits are cleared, and the
TAn I/O pin is an input.
0 – Multi-Function Timer is disabled.
1 – Multi-Function Timer is enabled.
32.5.8 Timer Interrupt Control Register n (TICTL_n)
The TICTL_n register is a byte-wide, read/write register that contains the interrupt enable bits and interrupt
pending bits for the four timer interrupt sources, designated A, B, C, and D. The condition that causes
each type of interrupt depends on the operating mode, as shown in Table 32-1.
This register is cleared upon reset. The register format is shown below.
7
6
5
4
3
2
1
0
TDIEN
TCIEN
TBIEN
TAIEN
TDPND
TCPND
TBPND
TAPND
TAPND
The Timer Interrupt Source A Pending bit indicates that timer interrupt condition A has
occurred. For an explanation of interrupt conditions A, B, C, and D, see Table 32-1. This bit
can be set by hardware or by software. To clear this bit, software must use the Timer Interrupt
Clear Register (TICLR_n). Attempting to directly write a 0 to this bit is ignored.
0 – Interrupt source A has not triggered.
1 – Interrupt source A has triggered.
TBPND
The Timer Interrupt Source B Pending bit indicates that timer interrupt condition B has
occurred. For an explanation of interrupt conditions A, B, C, and D, see Table 32-1. This bit
can be set by hardware or by software. To clear this bit, software must use the Timer Interrupt
Clear Register (TICLR_n). Attempting to directly write a 0 to this bit is ignored.
0 – Interrupt source B has not triggered.
1 – Interrupt source B has triggered.
TCPND
The Timer Interrupt Source C Pending bit indicates that timer interrupt condition C has
occurred. For an explanation of interrupt conditions A, B, C, and D, see Table 32-1. This bit
can be set by hardware or by software. To clear this bit, software must use the Timer Interrupt
Clear Register (TICLR_n). Attempting to directly write a 0 to this bit is ignored.
0 – Interrupt source C has not triggered.
1 – Interrupt source C has triggered.
TDPND
The Timer Interrupt Source D Pending bit indicates that timer interrupt condition D has
occurred. For an explanation of interrupt conditions A, B, C, and D, see Table 32-1. This bit
can be set by hardware or by software. To clear this bit, software must use the Timer Interrupt
Clear Register (TICLR_n). Attempting to directly write a 0 to this bit is ignored.
0 – Interrupt source D has not triggered.
1 – Interrupt source D has triggered.
TAIEN
The Timer Interrupt A Enable bit controls whether an interrupt is asserted on each occurrence
of interrupt condition A. For an explanation of interrupt conditions A, B, C, and D, see
Table 32-1.
0 – Condition A interrupts disabled.
1 – Condition A interrupts enabled.
TBIEN
The Timer Interrupt B Enable bit controls whether an interrupt is asserted on each occurrence
of interrupt condition B. For an explanation of interrupt conditions A, B, C, and D, see
Table 32-1.
– Condition B interrupts disabled.
1 – Condition B interrupts enabled.
332
Dual Multi-Function Timers
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com