Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 336 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 336 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 332Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 333Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 334Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 335Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 336Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 337Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 338Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 339Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 340Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 407 page
background image
TIOn_y (PxPOL = 0)
DTYCAPx_n
TxRUN = 1
COUNTx_n
00
01
02
03
04
05
06
07
08
09
0A
00
01
02
03
04
05
06
07
08
09
0A
TIOn_y (PxPOL = 1)
PERCAPx_n
DS354
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
Figure 33-2. VTU PWM Generation
The period time is determined by the following formula:
PWM Period = (PERCAPx_n + 1) × (CxPRSC + 1) × TCLK
The duty cycle in percent is calculated as follows:
Duty Cycle = (DTYCAPx_n / (PERCAPx_n + 1)) × 100
If the duty cycle register (DTYCAPx_n) holds a value which is greater than the value held in the period
register (PERCAPx_n) the TIOn_y output will remain at the opposite of its default value which
corresponds to a duty cycle of 100%. If the duty cycle register (DTYCAPx_n) register holds a value of 00h,
the TIOn_y output will remain at the default value which corresponds to a duty cycle of 0%, in which case
the value in the PERCAPx_n register is irrelevant. This scheme allows the duty cycle to be programmed in
a range from 0% to 100%.
In order to allow fully synchronized updates of the period and duty cycle compare values, the PERCAPx_n
and DTYCAPx_n registers are double buffered when operating in PWM mode. Therefore, if software
writes to either the period or duty cycle register while either of the two PWM channels is enabled, the new
value will not take effect until the counter value matches the previous period value or the timer is stopped.
Reading the PERCAPx_n or DTYCAPx_n register will always return the most recent value written to it.
The counter registers can be written if both 8-bit counters are stopped. This allows software to preset the
counters before starting, which can be used to generate PWM output waveforms with a phase shift
relative to each other. If the counter is written with a value other than 00h, it will start incrementing from
that value. The TIOn_y output will remain at its default value until the first 00h to 01h transition of the
counter value occurs. If the counter is preset to values which are less than or equal to the value held in
the period register (PERCAPx_n) the counter will count up until a match between the counter value and
the PERCAPx_n register value occurs. The counter will then be cleared and continue counting up.
Alternatively, the counter may be written with a value which is greater than the value held in the period
register. In that case the counter will count up to FFh, then roll over to 00h. In any case, the TIOn_y pin
always changes its state at the 00h to 01h transition of the counter.
Software may only write to the COUNTx_n register if both TxRUN bits of a timer subsystem are clear. Any
writes to the counter register while either timer is running will be ignored.
336
Dual Versatile Timer Units (VTU)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com