Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 338 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 338 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 334Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 335Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 336Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 337Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 338Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 339Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 340Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 341Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 342Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 407 page
background image
COUNT1_n[15:0]
Restart
0
15
[15:0]
P2POL
TIOn_2
PERCAP1_n[15:0]
Compare
DTYCAP1_n[15:0]
Compare
R
Q
S
C1PRSC
= =
7
0
Prescaler
Counter
P1POL
TIOn_1
R
Q
S
TMOD1 = 10
T1RUN
DS356
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
Figure 33-4. VTU 1-bit PWM Mode
33.1.3 Dual 16-Bit Capture Mode
In addition to the two PWM modes, each timer subsystem may be configured to operate in an input
capture mode which provides two 16-bit capture channels. The input capture mode can be used to
precisely measure the period and duty cycle of external signals.
In capture mode the counter COUNTx_n operates as a 16- bit up-counter while the two TIOn_y pins
associated with a timer subsystem operate as capture inputs. A capture event on the TIOn_y pins causes
the contents of the counter register (COUNTx_n) to be copied to the PERCAPx_n or DTYCAPx_n
registers, respectively.
Starting the counter is identical to the 16-bit PWM mode, i.e., setting the lower of the two MODE_n.TxRUN
bits will start the counter and the clock prescaler. In addition, the capture event inputs are enabled once
the MODE_n.TxRUN bit is set.
The TIOn_y capture inputs can be independently configured to detect a capture event on either a positive
transition, a negative transition or both a positive and a negative transition. In addition, any capture event
may be used to reset the counter COUNTx_n and the clock prescaler counter. This avoids the need for
software to keep track of timer overflow conditions and greatly simplifies the direct frequency and duty
cycle measurement of an external signal.
Figure 33-5 illustrates the configuration of a timer subsystem while operating in capture mode. The
numbering in Figure 33-5 refers to timer subsystem 1 but equally applies to the other three timer
subsystems.
338
Dual Versatile Timer Units (VTU)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com