Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 339 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 339 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 335Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 336Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 337Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 338Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 339Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 340Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 341Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 342Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 343Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 407 page
background image
COUNT1_n[15:0]
Restart
0
15
15:0
C1EDG
PERCAP1_n[15:0]
Compare
DTYCAP1_n[15:0]
Compare
C1PRSC
= =
7
0
Prescaler
Counter
2
rst
cap
0
TMOD1=11
T1RUN
C2EDG
TIOn_2
2
rst
cap
0
DS357
TIOn_1
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Figure 33-5. VTU Dual 16-Bit Capture Mode
33.1.4 Low Power Mode
If a timer subsystem is not used, software can place it in a low-power mode. All clocks to a timer
subsystem are stopped and the counter and prescaler contents are frozen once low-power mode is
entered. Software may continue to write to the MODE_n, INTCTL_n, IOxCTL_n, and CLKxPS_n registers.
Write operations to the INTPND_n register are allowed; but if a timer subsystem is in low-power mode, its
associated interrupt pending bits cannot be cleared. Software cannot write to the COUNTx_n,
PERCAPx_n, and DTYCAPx_n registers of a timer subsystem while it is in low-power mode. All registers
can be read at any time.
33.1.5 Interrupts
Each VTU has a total of 16 interrupt sources, four for each of the four timer subsystems. All interrupt
sources have a pending bit and an enable bit associated with them. All interrupt pending bits are denoted
IxAPD through IxDPD where “x” relates to the specific timer subsystem. There is one system level
interrupt request for each of the four timer subsystems.
Figure 33-6 illustrates the interrupt structure of the versatile timer module.
Copyright © 2013, Texas Instruments Incorporated
Dual Versatile Timer Units (VTU)
339
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com