Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 335 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 335 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 331Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 332Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 333Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 334Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 335Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 336Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 337Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 338Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 339Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 407 page
background image
INTCTL_n
0
15
MODE_n
0
15
COUNT1_n
TIOn_1
0
15
PERCAP1_n
Compare
Capture
-
DTYCAP1_n
Compare
Capture
-
C1 PRSC
Timer Subsystem 1
= =
7
Prescaler
Counter
I/O Control
INTPND_n
0
15
IO1CTL_n
0
15
IO2CTL_n
0
15
TIOn_2
I/O Control
COUNT2_n
TIOn_3
0
15
PERCAP2_n
Compare
Capture
-
DTYCAP2_n
Compare
Capture
-
C2 PRSC
= =
7
Prescaler
Counter
I/O Control
TIOn_4
I/O Control
COUNT4_n
TIOn_7
0
15
PERCAP4_n
Compare
Capture
-
DTYCAP4_n
Compare
Capture
-
C4RSC
= =
7
Prescaler
Counter
I/O Control
TIOn_8
I/O Control
COUNT3_n
TIOn_5
0
15
PERCAP3_n
Compare
Capture
-
DTYCAP3_n
Compare
Capture
-
C3 PRSC
= =
7
Prescaler
Counter
I/O Control
TIOn_6
I/O Control
Timer Subsystem 2
Timer Subsystem 3
Timer Subsystem 4
DS353
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Figure 33-1. Versatile Timer Unit Block Diagram
33.1.1 Dual 8-bit PWM Mode
Each timer subsystem may be configured to generate two fully independent PWM waveforms on the
respective TIOx pins. In this mode, the counter COUNTx_n is split and operates as two independent 8-bit
counters. (In this section, n is the VTU module number which is either 0 or 1, and x is the VTU subsystem
number which may be 1 to 4.) Each counter increments at the rate determined by the clock prescaler.
Each of the two 8-bit counters may be started and stopped separately using the corresponding TxRUN
bits. Once either of the two 8-bit timers is running, the clock prescaler starts counting. Once the clock
prescaler counter value matches the value of the associated CxPRSC register field, COUNTx_n is
incremented.
The period of the PWM output waveform is determined by the value of the PERCAPx_n register. The
TIOn_y output starts at the default value as programmed in the IOxCTL_n.PxPOL bit. (In this section, y is
the TIOn I/O number, which may be 1 to 8.) Once the counter value reaches the value of the period
register PERCAPx_n, the counter is cleared on the next counter increment. On the following increment
from 00h to 01h, the TIOn_y output will change to the opposite of the default value.
The duty cycle of the PWM output waveform is controlled by the DTYCAPx_n register value. Once the
counter value reaches the value of the duty cycle register DTYCAPx_n, the PWM output TIOn_y changes
back to its default value on the next counter increment. Figure 33-2 illustrates this concept.
Copyright © 2013, Texas Instruments Incorporated
Dual Versatile Timer Units (VTU)
335
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com