Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 331 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 331 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 327Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 328Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 329Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 330Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 331Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 332Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 333Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 334Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 335Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
15
0
TCRA
32.5.6 Reload/Capture B Register n (TCRB_n)
The TCRB_n register is a 16-bit, read/write register that holds the reload or capture value for
Timer/Counter 2. The register contents are not affected by a reset and are unknown after power-up.
15
0
TCRB
32.5.7 Timer Mode Control Register n (TMCTRL_n)
The TMCTRL_n register is a byte-wide, read/write register that sets the operating mode of the
timer/counter and the TAn and TBn pins. This register is cleared at reset. The register format is shown
below.
7
6
5
4
3
2
1
0
TEN
TAOUT
TBEN
TAEN
TBEDG
TAEDG
MDSEL
MDSEL
The Mode Select field sets the operating mode of the timer/counter as follows:
00 – Mode 1: PWM plus system timer.
01 – Mode 2: Dual-Input Capture plus system timer.
10 – Mode 3: Dual Timer/Counter.
11 – Mode 4: Single-Input Capture and Single Timer.
TAEDG
The TAn Edge Polarity bit selects the polarity of the edges that trigger the TAn input.
0 – TAn input is sensitive to falling edges (high to low transitions).
1 – TAn input is sensitive to rising edges (low to high transitions).
TBEDG
The TBn Edge Polarity bit selects the polarity of the edges that trigger the TBn input. In pulse-
accumulate mode, when this bit is set, the counter is enabled only when TBn is high; when
this bit is clear, the counter is enabled only when TBn is low.
0 – TBn input is sensitive to falling edges (high to low transitions).
1 – TBn input is sensitive to rising edges (low to high transitions).
TAEN
The TAn Enable bit controls whether the TAn pin is enabled to operate as a preset input or as
a PWM output, depending on the timer operating mode. In Mode 2 (Dual Input Capture), a
transition on the TAn pin presets the TCNT1_n counter to FFFFh. In the other modes, TAn
functions as a PWM output. When this bit is clear, operation of the pin for the timer/counter is
disabled.
0 – TAn input disabled.
1 – TAn input enabled.
TBEN
The TBn Enable bit controls whether the TBn pin in enabled to operate in Mode 2 (Dual In-
put Capture) or Mode 4 (Single Input Capture and Single Timer). A transition on the TBn pin
presets the corresponding timer/counter to FFFFh (TCNT1_n in Mode 2 or TCNT2_n in Mode
4). When this bit is clear, operation of the pin for the timer/counter is disabled. This bit setting
has no effect in Mode 1 or Mode 3.
0 – TBn input disabled.
1 – TBn input enabled.
TAOUT
The TAn Output Data bit indicates the current state of the TAn pin when the pin is used as a
PWM output. The hardware sets and clears this bit, but software can also read or write this bit
at any time and therefore control the state of the output pin. In case of conflict, a software
write has precedence over a hardware update. This bit setting has no effect when the TAn pin
is used as an input.
0 – TAn pin is low.
1 – TAn pin is high.
Copyright © 2013, Texas Instruments Incorporated
Dual Multi-Function Timers
331
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com