Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 327 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 327 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 323Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 324Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 325Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 326Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 327Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 328Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 329Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 330Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 331Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
32.2.4 Mode 4: Input Capture Plus Timer
Mode 4 is the Single Input Capture and Single Timer mode, which provides one external event counter
and one system timer.
Figure 32-7 is a block diagram of the Multi-Function Timer configured to operate in Mode 4. This mode
offers a combination of Mode 3 and Mode 2 functions. Timer/Counter 1 is used as a system timer as in
Mode 3 and Timer/Counter 2 is used as a capture timer as in Mode 2, but with a single input rather than
two inputs.
Timer/Counter 1 (TCNT1_n) operates the same as in Mode 3. It counts down at the rate of the selected
clock. On underflow, it is reloaded from the TCRA_n register and counting proceeds down from the
reloaded value. The TAn pin is toggled on each underflow, when this function is enabled by the TAEN bit.
When the TAn pin is toggled from low to high, it sets the TCPND interrupt pending bit and also asserts an
interrupt if the interrupt is enabled by the TAIEN bit. A 50% duty cycle PWM signal can be generated on
TAn without any further action from the CPU.
Timer/Counter 2 (TCNT1_n) counts down at the rate of the selected clock. The TBn pin functions as the
capture input. A transition received on TBn transfers the timer contents to the TCRB_n register. The input
pin can be configured to sense either rising or falling edges.
The TBn input can be configured to preset the counter to FFFFh on reception of a valid capture event. In
this case, the current value of the counter is transferred to the capture register and then the counter is
preset to FFFFh.
The values captured in the TCRB_n register at different times reflect the elapsed time between transitions
on the TBn pin. The input signal on TBn must have a pulse width equal to or greater than one PCLK Clock
cycle.
There are two separate interrupts associated with the capture timer, each with its own enable bit and
pending bit. The two interrupt events are reception of a transition on TBn and underflow of the TCNT2_n
counter. The enable bits for these events are TBIEN and TDIEN, respectively.
Neither Timer/Counter 1 (TCNT1_n) nor Timer/Counter 2 (TCNT2_n) can be configured to operate as an
external event counter or to operate in the pulse-accumulate mode because the TBn input is used as a
capture input. Attempting to select one of these configurations will cause one or both counters to stop. In
this mode, Timer/Counter 2 must be enabled at all times.
Copyright © 2013, Texas Instruments Incorporated
Dual Multi-Function Timers
327
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com