Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 343 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 343 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 339Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 340Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 341Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 342Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 343Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 344Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 345Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 346Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 347Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
15
14
12
11
10
8
7
6
4
3
2
0
P6POL
C8EDG
P7POL
C7EDG
P6POL
C6EDG
P5POL
C5EDG
The functionality of the bit fields of the IO2CTL_n register is identical to the ones described in the
IO1CTL_n register section.
33.2.4 Interrupt Control Register Module n (INTCTL_n)
The INTCTL_n registers are 16-bit, read/write registers. They contain the interrupt enable bits for the 16
interrupt sources of each VTU. Each interrupt enable bit corresponds to an interrupt pending bit located in
the Interrupt Pending Register (INTPND_n). All INTCTL_n register bits are solely under software control.
The registers are clear after reset.
7
6
5
4
3
2
1
0
I2DEN
I2CEN
I2BEN
I2AEN
I1DEN
I1CEN
I1BEN
I1AEN
15
14
13
12
11
10
9
8
I4DEN
I4CEN
I4BEN
I4AEN
I3DEN
I3CEN
I3BEN
I3AEN
IxAEN
The Timer x Interrupt A Enable bit controls interrupt requests triggered on the corresponding
IxAPD bit being set. The associated IxAPD bit will be updated regardless of the value of the
IxAEN bit.
0 – Disable system interrupt request for the IxAPD pending bit.
1 – Enable system interrupt request for the IxAPD pending bit.
IxBEN
The Timer x Interrupt B Enable bit controls interrupt requests triggered on the corresponding
IxBPD bit being set. The associated IxBPD bit will be updated regardless of the value of the
IxBEN bit.
0 – Disable system interrupt request for the IxBPD pending bit.
1 – Enable system interrupt request for the IxBPD pending bit.
IxCEN The Timer x Interrupt C Enable bit controls interrupt requests triggered on the corresponding
IxCPD bit being set. The associated IxCPD bit will be updated regardless of the value of the
IxCEN bit.
0 – Disable system interrupt request for the IxCPD pending bit.
1 – Enable system interrupt request for the IxCPD pending bit.
IxDEN Timer x Interrupt D Enable bit controls interrupt requests triggered on the corresponding IxDPD
bit being set. The associated IxDPD bit will be updated regardless of the value of the IxDEN bit.
0 – Disable system interrupt request for the IxDPD pending bit.
1 – Enable system interrupt request for the IxDPD pending bit.
33.2.5 Interrupt Pending Register Module n (INTPND_n)
The INTPND_n registers are 16-bit, read/write registers which contain all 16 interrupt pending bits. There
are four interrupt pending bits called IxAPD through IxDPD for each timer subsystem. Each interrupt
pending bit is set by a hardware event and can be cleared if software writes a 1 to the bit position. The
value will remain unchanged if a 0 is written to the bit position. All interrupt pending bits are cleared at
reset.
7
6
5
4
3
2
1
0
I2DPD
I2CPD
I2BPD
I2APD
I1DPD
I1CPD
I1BPD
I1APD
15
14
13
12
11
10
9
8
I4DPD
I4CPD
I4BPD
I4APD
I3DPD
I3CPD
I3BPD
I3APD
Copyright © 2013, Texas Instruments Incorporated
Dual Versatile Timer Units (VTU)
343
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com