Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 346 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 346 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 342Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 343Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 344Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 345Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 346Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 347Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 348Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 349Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 350Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
When software writes to a register in which one or more bits are reserved, it must write a zero to each
reserved bit unless indicated otherwise in the description of the register. Reading a reserved bit returns an
undefined value.
Table 34-1. Detailed Device Mapping
Value After
Register Name
Size
Address
Access Type
Comments
Reset
Bluetooth LLC Registers
PLN
Byte
01 2000h
Write-Only
WHITENING_CHANNEL_SELECTION
Byte
01 2001h
Write-Only
SINGLE_FREQUENCY_SELECTION
Byte
01 2002h
Write-Only
CORRELATOR_CLOCK_SEL
Byte
01 2003h
Write-Only
LN_BT_CLOCK_0
Byte
01 2018h
Read-Only
LN_BT_CLOCK_1
Byte
01 2019h
Read-Only
LN_BT_CLOCK_2
Byte
01 201Ah
Read-Only
LN_BT_CLOCK_3
Byte
01 201Bh
Read-Only
RX_CN
Byte
01 201Ch
Read-Only
TX_CN
Byte
01 201Dh
Read-Only
AC_ACCEPTLVL
Word
01 201Eh
Write-Only
LAP_ACCEPTLVL
Byte
01 2020h
Write-Only
RFSYNCH_DELAY
Byte
01 2021h
Write-Only
SPI_READ
Word
01 2022h
Read-Only
SPI_MODE_CONFIG
Byte
01 2024h
Write-Only
M_COUNTER_0
Byte
01 2026h
Read/Write
M_COUNTER_1
Byte
01 2027h
Read/Write
M_COUNTER_2
Byte
01 2028h
Read/Write
N_COUNTER_0
Byte
01 202Ah
Write-Only
N_COUNTER_1
Byte
01 202Bh
Write-Only
BT_CLOCK_WR_0
Byte
01 202Ch
Write-Only
BT_CLOCK_WR_1
Byte
01 202Dh
Write-Only
BT_CLOCK_WR_2
Byte
01 202Eh
Write-Only
BT_CLOCK_WR_3
Byte
01 202Fh
Write-Only
WTPTC_1SLOT
Word
01 2030h
Write-Only
WTPTC_3SLOT
Word
01 2032h
Write-Only
WTPTC_5SLOT
Word
01 2034h
Write-Only
SEQ_RESET
Byte
01 2036h
Write-Only
SEQ_CONTINUE
Byte
01 2037h
Write-Only
RX_STATUS
Byte
01 2038h
Read-Only
CHIP_ID
Byte
01 203Ah
Read-Only
INT_VECTOR
Byte
01 203Ch
Read-Only
SYSTEM_CLK_EN
Byte
01 203Eh
Write-Only
LINKTIMER_WR_RD
Word
01 2040h
Read-Only
LINKTIMER_SELECT
Byte
01 2042h
Read-Only
LINKTIMER_STATUS_EXP_FLAG
Byte
01 2044h
Read-Only
LINKTIMER_STATUS_RD_WR_FLAG
Byte
01 2045h
Read-Only
LINKTIMER_ADJUST_PLUS
Byte
01 2046h
Read-Only
LINKTIMER_ADJUST_MINUS
Byte
01 2047h
Read-Only
SLOTTIMER_WR_RD
Byte
01 2048h
Read-Only
RX_CRC
Byte
01 204Ah
Read-Only
RX_CRC
Byte
01 204Bh
Read-Only
AFH_PLN_SEL
Byte
01 204Ch
Read/Write
AFH_SAME_CN_CONFIG
Byte
01 204Dh
Read/Write
AFH_CN_MAP_0
Byte
01 204Eh
Read/Write
AFH_CN_MAP_1
Byte
01 204Fh
Read/Write
346
Register Map
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com