Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 348 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 348 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 344Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 345Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 346Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 347Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 348Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 349Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 350Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 351Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 352Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
Table 34-1. Detailed Device Mapping (continued)
Value After
Register Name
Size
Address
Access Type
Comments
Reset
C0MB7
16- word
FF B8E0h-FF B8FFh
Read/Write
xxxxh
Same register layout as
C0MB0.
C0MB8
16- word
FF B900h-FF B91Fh
Read/Write
xxxxh
Same register layout as
C0MB0.
C0MB9
16- word
FF B892h-FF B93Fh
Read/Write
xxxxh
Same register layout as
C0MB0.
C0MB10
16- word
FF B940h-FF B95Fh
Read/Write
xxxxh
Same register layout as
C0MB0.
C0MB11
16- word
FF B960h-FF B97Fh
Read/Write
xxxxh
Same register layout as
C0MB0.
C0MB12
16- word
FF B980-FF B99Fh
Read/Write
xxxxh
Same register layout as
C0MB0.
C0MB13
16- word
FF B9A0h-FF B9BFh
Read/Write
xxxxh
Same register layout as
C0MB0.
C0MB14
16- word
FF B9C0h-FF B9DFh
Read/Write
xxxxh
Same register layout as
C0MB0.
CAN Module 0 Registers
CGCR0
Word
FF BA00h
Read/Write
0000h
CTIM0
Word
FF BA04h
Read/Write
0000h
GMSKX0
Word
FF BA08h
Read/Write
0000h
GMSKB0
Word
FF BA0Ch
Read/Write
0000h
BMSKX0
Word
FF BA10h
Read/Write
0000h
BMSKB0
Word
FF BA14h
Read/Write
0000h
CIEN0
Word
FF BA18h
Read/Write
0000h
CIPND0
Word
FF BA1Ch
Read-Only
0000h
CICLR0
Word
FF BA20h
Write-Only
0000h
CICEN0
Word
FF BA24h
Read/Write
0000h
CSTPND0
Word
FF BA28h
Read-Only
0000h
CANEC0
Word
FF BA2Ch
Read-Only
0000h
CEDIAG0
Word
FF BA30h
Read-Only
0000h
CTMR0
Word
FF BA34h
Read-Only
0000h
CAN Module 1 Message Buffers
C1MB0_CNSTAT
Word
FF BC00h
Read/Write
xxxxh
C1MB0_TSTP
Word
FF BC04h
Read/Write
xxxxh
C1MB0_DATA3
Word
FF BC08h
Read/Write
xxxxh
C1MB0_DATA2
Word
FF BC0Ch
Read/Write
xxxxh
C1MB0_DATA1
Word
FF BC10h
Read/Write
xxxxh
C1MB0_DATA0
Word
FF BC14h
Read/Write
xxxxh
C1MB0_ID0
Word
FF BC18h
Read/Write
xxxxh
C1MB0_ID1
Word
FF BC1Ch
Read/Write
xxxxh
C1MB1
16- word
FF BC20h - FF BC3Fh
Read/Write
xxxxh
Same register layout as
C1MB0.
C1MB2
16- word
FF BC40h - FF BC5Fh
Read/Write
xxxxh
Same register layout as
C1MB0.
C1MB3
16- word
FF BC60h - FF BC7Fh
Read/Write
xxxxh
Same register layout as
C1MB0.
C1MB4
16- word
FF BC80h - FF BC9Fh
Read/Write
xxxxh
Same register layout as
C1MB0.
C1MB5
16- word
FF BCA0h - FF BCBFh
Read/Write
xxxxh
Same register layout as
C1MB0.
C1MB6
16- word
FF BCC0h - FF BCDFh
Read/Write
xxxxh
Same register layout as
C1MB0.
C1MB7
16- word
FF BCE0h - FF BCFFh
Read/Write
xxxxh
Same register layout as
C1MB0.
C1MB8
16- word
FF BD00h - FF BD1Fh
Read/Write
xxxxh
Same register layout as
C1MB0.
348
Register Map
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com