Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 352 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 352 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 348Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 349Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 350Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 351Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 352Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 353Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 354Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 355Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 356Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
Table 34-1. Detailed Device Mapping (continued)
Value After
Register Name
Size
Address
Access Type
Comments
Reset
ADCB12
Dword
FF 0708h
Read/Write
0000 0000h
ADRB12
Dword
FF 070Ch
Read/Write
0000 0000h
BLTC12
Dword
FF 0710h
Read/Write
0000 0000h
BLTR12
Dword
FF 0714h
Read/Write
0000 0000h
RQTR12
Dword
FF 0718h
Read/Write
0000 0000h
RQTCNT12
Dword
FF 071Ch
Read/Write
0000 0000h
DMACNT12
Dword
FF 0720h
Read/Write
000C 0000h
DMASTAT12
Dword
FF 0724h
Read/Write
0000 0000h
ADCA13
Dword
FF 0740h
Read/Write
0000 0000h
ADRA13
Dword
FF 0744h
Read/Write
0000 0000h
ADCB13
Dword
FF 0748h
Read/Write
0000 0000h
ADRB13
Dword
FF 074Ch
Read/Write
0000 0000h
BLTC13
Dword
FF 0750h
Read/Write
0000 0000h
BLTR13
Dword
FF 0754h
Read/Write
0000 0000h
RQTR13
Dword
FF 0758h
Read/Write
0000 0000h
RQTCNT13
Dword
FF 075Ch
Read/Write
0000 0000h
DMACNT13
Dword
FF 0760h
Read/Write
000C 0000h
DMASTAT13
Dword
FF 0764h
Read/Write
0000 0000h
ADCA14
Dword
FF 0780h
Read/Write
0000 0000h
ADRA14
Dword
FF 0784h
Read/Write
0000 0000h
ADCB14
Dword
FF 0788h
Read/Write
0000 0000h
ADRB14
Dword
FF 078Ch
Read/Write
0000 0000h
BLTC14
Dword
FF 0790h
Read/Write
0000 0000h
BLTR14
Dword
FF 0794h
Read/Write
0000 0000h
RQTR14
Dword
FF 0798h
Read/Write
0000 0000h
RQTCNT14
Dword
FF 079Ch
Read/Write
0000 0000h
DMACNT14
Dword
FF 07A0h
Read/Write
000C 0000h
DMASTAT14
Dword
FF 07A4h
Read/Write
0000 0000h
ADCA15
Dword
FF 07C0h
Read/Write
0000 0000h
ADRA15
Dword
FF 07C4h
Read/Write
0000 0000h
ADCB15
Dword
FF 07C8h
Read/Write
0000 0000h
ADRB15
Dword
FF 07CCh
Read/Write
0000 0000h
BLTC15
Dword
FF 07D0h
Read/Write
0000 0000h
BLTR15
Dword
FF 07D4h
Read/Write
0000 0000h
RQTR15
Dword
FF 07D8h
Read/Write
0000 0000h
RQTCNT15
Dword
FF 07DCh
Read/Write
0000 0000h
DMACNT15
Dword
FF 07E0h
Read/Write
000C 0000h
DMASTAT15
Dword
FF 07E4h
Read/Write
0000 0000h
External Bus Interface Unit
SMCTLR
Dword
FF 00A4h
Read/Write
0000 0401h
SCSLR0
Dword
FF 0014h
Read/Write
0040 0000h
SMSKR0
Dword
FF 0054h
Read/Write
0000 0028h
SCSLR1
Dword
FF 0018h
Read/Write
0080 0000h
SMSKR1
Dword
FF 0058h
Read/Write
0000 0128h
SCSLR2
Dword
FF 001Ch
Read/Write
0100 0000h
SMSKR2
Dword
FF 005Ch
Read/Write
0000 0229h
SMTMGR_SET0
Dword
FF 0094h
Read/Write
0002 0D45h
SMTMGR_SET1
Dword
FF 0098h
Read/Write
0012 0D45h
SMTMGR_SET2
Dword
FF 009Ch
Read/Write
001A 0D45h
FLASH_TPRDR
Dword
FF 00A0h
Read/Write
0000 00C8h
352
Register Map
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com