Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 353 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 353 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 349Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 350Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 351Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 352Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 353Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 354Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 355Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 356Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 357Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Table 34-1. Detailed Device Mapping (continued)
Value After
Register Name
Size
Address
Access Type
Comments
Reset
System Configuration
MCFG
Byte
FF F400h
Read/Write
00h
MSTAT
Byte
FF F404h
Read-Only
ENV2:0 pins
Bit 6 clear on write
SWRESET
Byte
FF F408h
Write-Only
N/A
SYSCFG
Byte
FF F40Ch
Read/Write
00h
CVSD/PCM Converter Module 0
CVSDIN0
Word
FF 4800h
Write-Only
0000h
CVSDOUT0
Word
FF 4804h
Read-Only
0000h
PCMIN0
Word
FF 4808h
Write-Only
0000h
PCMOUT0
Word
FF 480Ch
Read-Only
0000h
LOGIN0
Byte
FF 4810h
Write-Only
00h
LOGOUT0
Byte
FF 4814h
Read-Only
00h
LINEARIN0
Word
FF 4818h
Write-Only
0000h
LINEAROUT0
Word
FF 481Ch
Read-Only
0000h
CVCTRL0
Word
FF 4820h
Read/Write
0000h
CVSTAT0
Word
FF 4824h
Read-Only
0000h
CVSD/PCM Converter Module 1
CVSDIN1
Word
FF 4C00h
Write-Only
0000h
CVSDOUT1
Word
FF 4C04h
Read-Only
0000h
PCMIN1
Word
FF 4C08h
Write-Only
0000h
PCMOUT1
Word
FF 4C0Ch
Read-Only
0000h
LOGIN1
Byte
FF 4C10h
Write-Only
00h
LOGOUT1
Byte
FF 4C14h
Read-Only
00h
LINEARIN1
Word
FF 4C18h
Write-Only
0000h
LINEAROUT1
Word
FF 4C1Ch
Read-Only
0000h
CVCTRL1
Word
FF 4C20h
Read/Write
0000h
CVSTAT1
Word
FF 4C24h
Read-Only
0000h
Clock Generation and Power Management
PMMCKCTL
Byte
FF A400h
Read/Write
0001 100Xb
PMMSTCTL
Byte
FF A404h
Read/Write
00h
PMMSR
Byte
FF A408h
Read/Write
0000 00XXb
PMMPRSHC
Word
FF A40Ch
Read/Write
001Fh
PMMPRSPC
Byte
FF A410h
Read/Write
00h
PMMPRSSC
Word
FF A414h
Read/Write
02DBh
PMMPLL1CTL1
Word
FF A420h
Read/Write
0000h
PMMPLL1CTL2
Word
FF A424h
Read/Write
0000h
PMMPLL1MDIV
Byte
FF A428h
Read/Write
00h
PMMPLL1NDIV
Byte
FF A42Ch
Read/Write
00h
PMMPLL1PDIV
Byte
FF A430h
Read/Write
00h
PMMPLL1NMOD
Word
FF A434h
Read/Write
0000h
PMMPLL1STUP
Word
FF A438h
Read/Write
007Fh
PMMPLL2CTL1
Word
FF A440h
Read/Write
0000h
PMMPLL2CTL2
Word
FF A444h
Read/Write
0000h
PMMPLL2MDIV
Byte
FF A448h
Read/Write
00h
PMMPLL2NDIV
Byte
FF A44Ch
Read/Write
00h
PMMPLL2PDIV
Byte
FF A450h
Read/Write
00h
PMMPLL2NMOD
Word
FF A454h
Read/Write
0000h
PMMPLL2STUP
Word
FF A458h
Read/Write
007Fh
PMMAUX1CTL
Byte
FF A500h
Read/Write
06h
PMMAUX1PRSC
Word
FF A504h
Read/Write
00FFh
PMMAUX2CTL
Byte
FF A510h
Read/Write
06h
Copyright © 2013, Texas Instruments Incorporated
Register Map
353
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com