Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 354 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 354 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 350Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 351Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 352Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 353Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 354Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 355Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 356Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 357Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 358Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
Table 34-1. Detailed Device Mapping (continued)
Value After
Register Name
Size
Address
Access Type
Comments
Reset
PMMAUX2PRSC
Word
FF A514h
Read/Write
00FFh
PMMAUX3CTL
Byte
FF A520h
Read/Write
06h
PMMAUX3PRSC
Word
FF A524h
Read/Write
00FFh
PMMAUX4CTL
Byte
FF A530h
Read/Write
06h
PMMAUX4PRSC
Word
FF A534h
Read/Write
00FFh
PMMAUX5CTL
Byte
FF A540h
Read/Write
06h
PMMAUX5PRSC
Word
FF A544h
Read/Write
00FFh
PMMAUX6CTL
Byte
FF A550h
Read/Write
06h
PMMAUX6PRSC
Word
FF A554h
Read/Write
00FFh
PMMAUX7CTL
Byte
FF A560h
Read/Write
07h
PMMAUX7PRSC
Word
FF A564h
Read/Write
0001h
PMMAUX8CTL
Byte
FF A570h
Read/Write
06h
PMMAUX8PRSC
Word
FF A574h
Read/Write
00FFh
Multi-Input Wake-Up
WKRPND1
Dword
FF C020h
Read/Set
0000 0000h
WKRPND2
Dword
FF C024h
Read/Set
0000 0000h
WKFPND1
Dword
FF C030h
Read/Set
0000 0000h
WKFPND2
Dword
FF C034h
Read/Set
0000 0000h
WKCLR1
Dword
FF C040h
Write-Only
N/A
WKCLR2
Dword
FF C044h
Write-Only
N/A
WKREN1
Dword
FF C000h
Read/Write
0000 0000h
WKREN2
Dword
FF C004h
Read/Write
0000 0000h
WKFEN1
Dword
FF C010h
Read/Write
0000 0000h
WKFEN2
Dword
FF C014h
Read/Write
0000 0000h
WKRIEN1
Dword
FF C050h
Read/Write
0000 0000h
WKRIEN2
Dword
FF C054h
Read/Write
0000 0000h
WKFIEN1
Dword
FF C060h
Read/Write
0000 0000h
WKFIEN2
Dword
FF C064h
Read/Write
0000 0000h
WKICTL1
Dword
FF C070h
Read/Write
0000 0000h
WKICTL2
Dword
FF C074h
Read/Write
0000 0000h
WKICTL3
Dword
FF C078h
Read/Write
0000 0000h
WKICTL4
Dword
FF C07Ch
Read/Write
0000 0000h
WKISTAT
Dword
FF C090h
Read/Write
0000 0000h
General-Purpose I/O Ports
PEDIR
Word
FF C404h
Read/Write
0000h
PEDIN
Word
FF C408h
Read-Only
XXXXh
PEDOUT
Word
FF C40Ch
Read/Write
XXXXh
PEIEN
Word
FF C41Ch
Read/Write
0000h
PEALT
Word
FF C400h
Read/Write
0000h
PEALTS
Word
FF C418h
Read/Write
0000h
PEWPU
Word
FF C410h
Read/Write
0000h
PEPDR
Word
FF C420h
Read/Write
FFFFh
PFDIR
Word
FF C804h
Read/Write
0000h
PFDIN
Word
FF C808h
Read-Only
XXXXh
PFDOUT
Word
FF C80Ch
Read/Write
XXXXh
PFIEN
Word
FF C81Ch
Read/Write
0000h
PFALT
Word
FF C800h
Read/Write
0000h
PFALTS
Word
FF C818h
Read/Write
0000h
PFWPU
Word
FF C810h
Read/Write
0000h
PFPDR
Word
FF C820h
Read/Write
FFFFh
PGDIR
Word
FF 6404h
Read/Write
0000h
354
Register Map
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com