Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 357 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 357 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 353Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 354Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 355Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 356Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 357Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 358Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 359Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 360Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 361Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Table 34-1. Detailed Device Mapping (continued)
Value After
Register Name
Size
Address
Access Type
Comments
Reset
Microwire/SPI Interfaces
MW0DAT
Word
FF 8400h
Read/Write
XXXXh
MW0CTL1
Word
FF 8404h
Read/Write
0000h
MW0STAT
Word
FF 8408h
Read-Only
All implemented bits are 0
MW1DAT
Word
FF 5800h
Read/Write
xxxxh
MW1CTL1
Word
FF 5804h
Read/Write
0000h
MW1STAT
Word
FF 5808h
Read-Only
All implemented bits are 0
ACCESS.bus Module 0
ACB0SDA
Byte
FF 8000h
Read/Write
XXh
ACB0ST
Byte
FF 8004h
Read/Write
00h
ACB0CST
Byte
FF 8008h
Read/Write
00h
ACB0CTL1
Byte
FF 800Ch
Read/Write
00h
ACB0ADDR
Byte
FF 8010h
Read/Write
XXh
ACB0CTL2
Byte
FF 8014h
Read/Write
00h
ACB0ADDR2
Byte
FF 8018h
Read/Write
XXh
ACB0CTL3
Byte
FF 801Ch
Read/Write
00h
ACCESS.bus Module 1
ACB1SDA
Byte
FF 5400h
Read/Write
XXh
ACB1ST
Byte
FF 5404h
Read/Write
00h
ACB1CST
Byte
FF 5408h
Read/Write
00h
ACB1CTL1
Byte
FF 540Ch
Read/Write
00h
ACB1ADDR
Byte
FF 5410h
Read/Write
XXh
ACB1CTL2
Byte
FF 5414h
Read/Write
00h
ACB1ADDR2
Byte
FF 5418h
Read/Write
XXh
ACB1CTL3
Byte
FF 541Ch
Read/Write
00h
Timing and Watchdog Module
TWCFG
Byte
FF A000h
Read/Write
00h
TWCP
Byte
FF A004h
Read/Write
00h
TWMT0
Word
FF A008h
Read/Write
FFFFh
T0CSR
Byte
FF A00Ch
Read/Write
00h
WDCNT
Byte
FF A010h
Write-Only
0Fh
WDSDM
Byte
FF A014h
Write-Only
5Fh
Multi-Function Timer Module 0
TCNT1_0
Word
FF 9000h
Read/Write
XXXXh
TCRA_0
Word
FF 9004h
Read/Write
XXXXh
TCRB_0
Word
FF 9008h
Read/Write
XXXXh
TCNT2_0
Word
FF 900Ch
Read/Write
XXXXh
TPRSC_0
Byte
FF 9010h
Read/Write
00h
TCKC_0
Byte
FF 9014h
Read/Write
00h
TMCTRL_0
Byte
FF 9018h
Read/Write
00h
TICTL_0
Byte
FF 901Ch
Read/Write
00h
TICLR_0
Byte
FF 9020h
Write-Only
FFh
Multi-Function Timer Module 1
TCNT1_1
Word
FF 6000h
Read/Write
XXXXh
TCRA_1
Word
FF 6004h
Read/Write
XXXXh
TCRB_1
Word
FF 6008h
Read/Write
XXXXh
TCNT2_1
Word
FF 600Ch
Read/Write
XXXXh
TPRSC_1
Byte
FF 6010h
Read/Write
00h
TCKC_1
Byte
FF 6014h
Read/Write
00h
TMCTRL_1
Byte
FF 6018h
Read/Write
00h
TICTL_1
Byte
FF 601Ch
Read/Write
00h
Copyright © 2013, Texas Instruments Incorporated
Register Map
357
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com