Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 355 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 355 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 351Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 352Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 353Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 354Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 355Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 356Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 357Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 358Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 359Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Table 34-1. Detailed Device Mapping (continued)
Value After
Register Name
Size
Address
Access Type
Comments
Reset
PGDIN
Word
FF 6408h
Read-Only
XXXXh
PGDOUT
Word
FF 640Ch
Read/Write
XXXXh
PGIEN
Word
FF 641Ch
Read/Write
0000h
PGALT
Word
FF 6400h
Read/Write
0000h
PGALTS
Word
FF 6418h
Read/Write
0000h
PGWPU
Word
FF 6410h
Read/Write
0000h
PGPDR
Word
FF 6420h
Read/Write
FFFFh
PHDIR
Word
FF CC04h
Read/Write
0000h
PHDIN
Word
FF CC08h
Read-Only
XXXXh
PHDOUT
Word
FF CC0Ch
Read/Write
XXXXh
PHIEN
Word
FF CC1Ch
Read/Write
0000h
PHALT
Word
FF CC00h
Read/Write
0000h
PHALTS
Word
FF CC18h
Read/Write
0000h
PHWPU
Word
FF CC10h
Read/Write
0000h
PHPDR
Word
FF CC20h
Read/Write
FFFFh
Advanced Audio Interface
ARFR
Word
FF 5000h
Read-Only
0000h
ARDR0
Word
FF 5004h
Read-Only
0000h
ARDR1
Word
FF 5008h
Read-Only
0000h
ARDR2
Word
FF 500Ch
Read-Only
0000h
ARDR3
Word
FF 5010h
Read-Only
0000h
ATFR
Word
FF 5014h
Write-Only
XXXXh
ATDR0
Word
FF 5018h
Write-Only
0000h
ATDR1
Word
FF 501Ch
Write-Only
0000h
ATDR2
Word
FF 5020h
Write-Only
0000h
ATDR3
Word
FF 5024h
Write-Only
0000h
AGCR
Word
FF 5028h
Read/Write
0000h
AISCR
Word
FF 502Ch
Read/Write
0000h
ARSCR
Word
FF 5030h
Read/Write
0000h
Becomes 0004h after
enabling clock.
ATSCR
Word
FF 5034h
Read/Write
F000h
Becomes F003h after
enabling clock.
ACCR
Word
FF 5038h
Read/Write
0000h
ADMACR
Word
FF 503Ch
Read/Write
0000h
Interrupt Control Unit
IVECT
Dword
FF FE00h
Read-Only
0000 0010h
Fixed Addr.
NMISTAT
Dword
FF FE04h
Read-Only
0000 0000h
EXNMI
Dword
FF FE08h
Read/Write
0000 0000h
ISTR0
Dword
FF FE10h
Read-Only
0000 0000h
ISTR1
Dword
FF FE14h
Read-Only
0000 0000h
ISTR2
Dword
FF FE18h
Read-Only
0000 0000h
IENR0
Dword
FF FE20h
Read/Write
0000 0000h
IENR1
Dword
FF FE24h
Read/Write
0000 0000h
IENR2
Dword
FF FE28h
Read/Write
0000 0000h
SOFTR0
Dword
FF FE40h
Read/Write
0000 0000h
SOFTR1
Dword
FF FE44h
Read/Write
0000 0000h
SOFTR2
Dword
FF FE48h
Read/Write
0000 0000h
INTGPAR0
Dword
FF FE50h
Read/Write
0000 0000h
INTGPBR0
Dword
FF FE54h
Read/Write
0000 0000h
INTGPAR1
Dword
FF FE58h
Read/Write
0000 0000h
INTGPBR1
Dword
FF FE5Ch
Read/Write
0000 0000h
Copyright © 2013, Texas Instruments Incorporated
Register Map
355
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com