Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 358 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 358 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 354Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 355Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 356Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 357Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 358Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 359Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 360Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 361Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 362Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
Table 34-1. Detailed Device Mapping (continued)
Value After
Register Name
Size
Address
Access Type
Comments
Reset
TICLR_1
Byte
FF 6020h
Write-Only
FFh
Versatile Timer Unit Module 0
MODE_0
Word
FF 8800h
Read/Write
0000h
IO1CTL_0
Word
FF 8804h
Read/Write
0000h
IO2CTL_0
Word
FF 8808h
Read/Write
0000h
INTCTL_0
Word
FF 880Ch
Read/Write
0000h
INTPND_0
Word
FF 8810h
Read/Write
0000h
CLK1PS_0
Word
FF 8814h
Read/Write
0000h
COUNT1_0
Word
FF 8818h
Read/Write
0000h
PERCAP1_0
Word
FF 881Ch
Read/Write
0000h
DTYCAP1_0
Word
FF 8820h
Read/Write
0000h
COUNT2_0
Word
FF 8824h
Read/Write
0000h
PERCAP2_0
Word
FF 8828h
Read/Write
0000h
DTYCAP2_0
Word
FF 882Ch
Read/Write
0000h
CLK2PS_0
Word
FF 8830h
Read/Write
0000h
COUNT3_0
Word
FF 8834h
Read/Write
0000h
PERCAP3_0
Word
FF 8838h
Read/Write
0000h
DTYCAP3_0
Word
FF 883Ch
Read/Write
0000h
COUNT4_0
Word
FF 8840h
Read/Write
0000h
PERCAP4_0
Word
FF 8844h
Read/Write
0000h
DTYCAP4_0
Word
FF 8848h
Read/Write
0000h
Versatile Timer Unit Module 1
MODE_1
Word
FF 8C00h
Read/Write
0000h
IO1CTL_1
Word
FF 8C04h
Read/Write
0000h
IO2CTL_1
Word
FF 8C08h
Read/Write
0000h
INTCTL_1
Word
FF 8C0Ch
Read/Write
0000h
INTPND_1
Word
FF 8C10h
Read/Write
0000h
CLK1PS_1
Word
FF 8C14h
Read/Write
0000h
COUNT1_1
Word
FF 8C18h
Read/Write
0000h
PERCAP1_1
Word
FF 8C1Ch
Read/Write
0000h
DTYCAP1_1
Word
FF 8C20h
Read/Write
0000h
COUNT2_1
Word
FF 8C24h
Read/Write
0000h
PERCAP2_1
Word
FF 8C28h
Read/Write
0000h
DTYCAP2_1
Word
FF 8C2Ch
Read/Write
0000h
CLK2PS_1
Word
FF 8C30h
Read/Write
0000h
COUNT3_1
Word
FF 8C34h
Read/Write
0000h
PERCAP3_1
Word
FF 8C38h
Read/Write
0000h
DTYCAP3_1
Word
FF 8C3Ch
Read/Write
0000h
COUNT4_1
Word
FF 8C40h
Read/Write
0000h
PERCAP4_1
Word
FF 8C44h
Read/Write
0000h
DTYCAP4_1
Word
FF 8C48h
Read/Write
0000h
SDC
ADCGCR
Word
FF AC00h
Read/Write
0000h
ADCACR
Word
FF AC04h
Read/Write
0000h
ADCCNTRL
Word
FF AC08h
Read/Write
0000h
ADCSTART
Word
FF AC0Ch
Write-Only
N/A
ADCSCDLY
Word
FF AC10h
Read/Write
0000h
ADCRESLT
Word
FF AC14h
Read-Only
0000h
I2S Interface
I2SCLK
Dword
FF 4000h
Read/Write
0007 0000h
358
Register Map
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com