Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 360 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 360 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 356Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 357Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 358Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 359Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 360Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 361Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 362Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 363Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 364Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
Table 34-1. Detailed Device Mapping (continued)
Value After
Register Name
Size
Address
Access Type
Comments
Reset
TCDCLEFT
Word
FF 4450h
Read/Write
0000h
TCDCRIGHT
Word
FF 4454h
Read/Write
0000h
TCDCMONITOR
Word
FF 4458h
Read/Write
0000h
Real Time Clock
RTCCST
Byte
FF A800h
Read/Write
00h
RTUDST
Byte
FF A804h
Read-Only
00h
RTCEIST
Byte
FF A8008h
Read/Write
00h
RTCIEN
Byte
FF A80Ch
Read/Write
00h
RTPRD
Word
FF A810h
Read-Only
0000h
RTCRD
Dword
FF A814h
Read-Only
0000 0001h
RTCLD
Dword
FF A818h
Read/Write
0000 0000h
RTCCMP1
Word
FF A81Ch
Read/Write
7FFFh
RTCCMP2
Dword
FF A820h
Read/Write
FFFF FFFFh
RTCCMP3
Dword
FF A824h
Read/Write
FFFF FFFFh
360
Register Map
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com