Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 356 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 356 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 352Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 353Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 354Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 355Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 356Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 357Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 358Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 359Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 360Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
Table 34-1. Detailed Device Mapping (continued)
Value After
Register Name
Size
Address
Access Type
Comments
Reset
INTGPAR2
Dword
FF FE60h
Read/Write
0000 0000h
INTGPBR2
Dword
FF FE64h
Read/Write
0000 0000h
IDBG
Dword
FF FEFCh
Read-Only
0000 0000h
UART0
U0TBUF
Byte
FF 9400h
Read/Write
XXh
U0RBUF
Byte
FF 9404h
Read-Only
XXh
U0ICTRL
Byte
FF 9408h
Read/Write
01h
Bits 0:1 read only
U0STAT
Byte
FF 940Ch
Read-Only
00h
U0FRS
Byte
FF 9410h
Read/Write
00h
U0MDSL1
Byte
FF 9414h
Read/Write
00h
U0BAUD
Byte
FF 9418h
Read/Write
00h
U0PSR
Byte
FF 941Ch
Read/Write
00h
U0OVR
Byte
FF 9420h
Read/Write
00h
U0MDSL2
Byte
FF 9424h
Read/Write
00h
U0SPOS
Byte
FF 9428h
Read/Write
06h
UART1
U1TBUF
Byte
FF 9800h
Read/Write
XXh
U1RBUF
Byte
FF 9804h
Read-Only
XXh
U1ICTRL
Byte
FF 9808h
Read/Write
01h
Bits 0:1 read only
U1STAT
Byte
FF 980Ch
Read-Only
00h
U1FRS
Byte
FF 9810h
Read/Write
00h
U1MDSL1
Byte
FF 9814h
Read/Write
00h
U1BAUD
Byte
FF 9818h
Read/Write
00h
U1PSR
Byte
FF 981Ch
Read/Write
00h
U1OVR
Byte
FF 9820h
Read/Write
00h
U1MDSL2
Byte
FF 9824h
Read/Write
00h
U1SPOS
Byte
FF 9828h
Read/Write
06h
UART2
U2TBUF
Byte
FF 9C00h
Read/Write
XXh
U2RBUF
Byte
FF 9C04h
Read-Only
XXh
U2ICTRL
Byte
FF 9C08h
Read/Write
01h
Bits 0:1 read only
U2STAT
Byte
FF 9C0Ch
Read-Only
00h
U2FRS
Byte
FF 9C10h
Read/Write
00h
U2MDSL1
Byte
FF 9C14h
Read/Write
00h
U2BAUD
Byte
FF 9C18h
Read/Write
00h
U2PSR
Byte
FF 9C1Ch
Read/Write
00h
U2OVR
Byte
FF 9C20h
Read/Write
00h
U2MDSL2
Byte
FF 9C24h
Read/Write
00h
U2SPOS
Byte
FF 9C28h
Read/Write
06h
UART3
U3TBUF
Byte
FF 5C00h
Read/Write
XXh
U3RBUF
Byte
FF 5C04h
Read-Only
XXh
U3ICTRL
Byte
FF 5C08h
Read/Write
01h
Bits 0:1 read only
U3STAT
Byte
FF 5C0Ch
Read-Only
00h
U3FRS
Byte
FF 5C10h
Read/Write
00h
U3MDSL1
Byte
FF 5C14h
Read/Write
00h
U3BAUD
Byte
FF 5C18h
Read/Write
00h
U3PSR
Byte
FF 5C1Ch
Read/Write
00h
U3OVR
Byte
FF 5C20h
Read/Write
00h
U3MDSL2
Byte
FF 5C24h
Read/Write
00h
U3SPOS
Byte
FF 5C28h
Read/Write
06h
356
Register Map
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com