Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 359 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 359 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 355Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 356Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 357Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 358Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 359Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 360Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 361Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 362Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 363Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Table 34-1. Detailed Device Mapping (continued)
Value After
Register Name
Size
Address
Access Type
Comments
Reset
I2SRXCTL
Dword
FF 4004h
Read/Write
0000 001Ch
I2STXCTL
Dword
FF 4008h
Read/Write
0000 001Ch
I2SSTAT
Dword
FF 401Ch
Read/Write
0000 0808h
I2STXDATALEFT
Dword
FF 400Ch
Write-Only
0000 0000h
I2STXDATARIGHT
Dword
FF 4010h
Write-Only
0000 0000h
I2SRXDATALEFT
Dword
FF 4014h
Read-Only
0000 0000h
I2SRXDATARIGHT
Dword
FF 4018h
Read-Only
0000 0000h
Audio Subsystem Controller
ADMAC
Word
FF 6820h
Read/Write
0000h
ADMAS
Word
FF 681Ch
Read-Only
0000h
ASCINTSEL
Word
FF 6818h
Read/Write
0000h
ASCDMASEL0
Word
FF 6800h
Read/Write
0000h
ASCDMASEL1
Word
FF 6804h
Read/Write
0000h
ASCDDMASEL0
Word
FF 6808h
Read/Write
0000h
ASCDDMASEL1
Word
FF 680Ch
Read/Write
0000h
ASCDDMASEL2
Word
FF 6810h
Read/Write
0000h
ASCDDMASEL3
Word
FF 6814h
Read/Write
0000h
DSP Interface
PDATA
Word
FF EC00h
Read/Write
0000h
PADR
Word
FF EC04h
Write-Only
0000h
PCFG
Word
FF EC08h
Read/Write
0000h
PSTS
Word
FF EC0Ch
Read-Only
0000h
PSEM
Word
FF EC10h
Read/Write
0000h
PMASK
Word
FF EC14h
Read/Write
0000h
PCLEAR
Word
FF EC18h
Write-Only
0000h
APBP_SEM
Word
FF EC1Ch
Read-Only
0000h
APBP_COM0
Word
FF EC20h
Read/Write
0000h
APBP_REP0
Word
FF EC24h
Read-Only
0000h
APBP_COM1
Word
FF EC28h
Read/Write
0000h
APBP_REP1
Word
FF EC2Ch
Read-Only
0000h
APBP_COM2
Word
FF EC30h
Read/Write
0000h
APBP_REP2
Word
FF EC34h
Read-Only
0000h
Telematics Codec
TCDCBASIC
Word
FF 4400h
Read/Write
0000h
TCDCDACSTATUS
Word
FF 4404h
Read-Only
1010h
TCDCADCSTATUS
Word
FF 4408h
Read-Only
1010h
TCDCDSP
Word
FF 440Ch
Read/Write
0000h
TCDCADCANA1
Word
FF 4410h
Read/Write
0000h
TCDCADCANA2
Word
FF 4414h
Read/Write
0000h
TCDCADC1CLK
Word
FF 4418h
Read/Write
0000h
TCDCADC2CLK
Word
FF 441Ch
Read/Write
0000h
TCDCDACCLK
Word
FF 4420h
Read/Write
0000h
TCDCFIFO
Word
FF 4424h
Read/Write
0000h
TCDCIRQEN
Word
FF 4428h
Read/Write
0000h
TCDCIRQPNDCLR
Word
FF 442Ch
Read/Write
0000h
TCDCCOMPC0
Word
FF 4430h
Read/Write
0000h
TCDCCOMPC1
Word
FF 4434h
Read/Write
0000h
TCDCCOMPC2
Word
FF 4438h
Read/Write
0000h
TCDCDEBUG
Word
FF 443Ch
Read/Write
0000h
TCDCADC1
Word
FF 4448h
Read-Only
0000h
TCDCADC2
Word
FF 444Ch
Read-Only
0000h
Copyright © 2013, Texas Instruments Incorporated
Register Map
359
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com