Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 351 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 351 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 347Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 348Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 349Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 350Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 351Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 352Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 353Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 354Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 355Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Table 34-1. Detailed Device Mapping (continued)
Value After
Register Name
Size
Address
Access Type
Comments
Reset
ADRA7
Dword
FF 05C4h
Read/Write
0000 0000h
ADCB7
Dword
FF 05C8h
Read/Write
0000 0000h
ADRB7
Dword
FF 05CCh
Read/Write
0000 0000h
BLTC7
Dword
FF 05D0h
Read/Write
0000 0000h
BLTR7
Dword
FF 05D4h
Read/Write
0000 0000h
RQTR7
Dword
FF 05D8h
Read/Write
0000 0000h
RQTCNT7
Dword
FF 05DCh
Read/Write
0000 0000h
DMACNT7
Dword
FF 05E0h
Read/Write
000C 0000h
DMASTAT7
Dword
FF 05E4h
Read/Write
0000 0000h
ADCA8
Dword
FF 0600h
Read/Write
0000 0000h
ADRA8
Dword
FF 0604h
Read/Write
0000 0000h
ADCB8
Dword
FF 0608h
Read/Write
0000 0000h
ADRB8
Dword
FF 060Ch
Read/Write
0000 0000h
BLTC8
Dword
FF 0610h
Read/Write
0000 0000h
BLTR8
Dword
FF 0614h
Read/Write
0000 0000h
RQTR8
Dword
FF 0618h
Read/Write
0000 0000h
RQTCNT8
Dword
FF 061Ch
Read/Write
0000 0000h
DMACNT8
Dword
FF 0620h
Read/Write
000C 0000h
DMASTAT8
Dword
FF 0624h
Read/Write
0000 0000h
ADCA9
Dword
FF 0640h
Read/Write
0000 0000h
ADRA9
Dword
FF 0644h
Read/Write
0000 0000h
ADCB9
Dword
FF 0648h
Read/Write
0000 0000h
ADRB9
Dword
FF 064Ch
Read/Write
0000 0000h
BLTC9
Dword
FF 0650h
Read/Write
0000 0000h
BLTR9
Dword
FF 0654h
Read/Write
0000 0000h
RQTR9
Dword
FF 0658h
Read/Write
0000 0000h
RQTCNT9
Dword
FF 065Ch
Read/Write
0000 0000h
DMACNT9
Dword
FF 0660h
Read/Write
000C 0000h
DMASTAT9
Dword
FF 0664h
Read/Write
0000 0000h
ADCA10
Dword
FF 0680h
Read/Write
0000 0000h
ADRA10
Dword
FF 0684h
Read/Write
0000 0000h
ADCB10
Dword
FF 0688h
Read/Write
0000 0000h
ADRB10
Dword
FF 068Ch
Read/Write
0000 0000h
BLTC10
Dword
FF 0690h
Read/Write
0000 0000h
BLTR10
Dword
FF 0694h
Read/Write
0000 0000h
RQTR10
Dword
FF 0698h
Read/Write
0000 0000h
RQTCNT10
Dword
FF 069Ch
Read/Write
0000 0000h
DMACNT10
Dword
FF 06A0h
Read/Write
000C 0000h
DMASTAT10
Dword
FF 06A4h
Read/Write
0000 0000h
ADCA11
Dword
FF 06C0h
Read/Write
0000 0000h
ADRA11
Dword
FF 06C4h
Read/Write
0000 0000h
ADCB11
Dword
FF 06C8h
Read/Write
0000 0000h
ADRB11
Dword
FF 06CCh
Read/Write
0000 0000h
BLTC11
Dword
FF 06D0h
Read/Write
0000 0000h
BLTR11
Dword
FF 06D4h
Read/Write
0000 0000h
RQTR11
Dword
FF 06D8h
Read/Write
0000 0000h
RQTCNT11
Dword
FF 06DCh
Read/Write
0000 0000h
DMACNT11
Dword
FF 06E0h
Read/Write
000C 0000h
DMASTAT11
Dword
FF 06E4h
Read/Write
0000 0000h
ADCA12
Dword
FF 0700h
Read/Write
0000 0000h
ADRA12
Dword
FF 0704h
Read/Write
0000 0000h
Copyright © 2013, Texas Instruments Incorporated
Register Map
351
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com