Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 347 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 347 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 343Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 344Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 345Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 346Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 347Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 348Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 349Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 350Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 351Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Table 34-1. Detailed Device Mapping (continued)
Value After
Register Name
Size
Address
Access Type
Comments
Reset
AFH_CN_MAP_2
Byte
01 2050h
Read/Write
AFH_CN_MAP_3
Byte
01 2051h
Read/Write
AFH_CN_MAP_4
Byte
01 2052h
Read/Write
AFH_CN_MAP_5
Byte
01 2053h
Read/Write
AFH_CN_MAP_6
Byte
01 2054h
Read/Write
AFH_CN_MAP_7
Byte
01 2055h
Read/Write
AFH_CN_MAP_8
Byte
01 2056h
Read/Write
AFH_CN_MAP_9
Byte
01 2057h
Read/Write
USB Registers
FADDR
Byte
FF 0800h
Read/Write
00h
POWER
Byte
FF 0801h
Read/Write
20h
INTRTX
Word
FF 0802h
Read-Only
0000h
INTRRX
Word
FF 0804h
Read-Only
0000h
INTRTXE
Word
FF 0806h
Read/Write
000Fh
INTRRXE
Word
FF 0808h
Read/Write
000Eh
INTRUSB
Byte
FF 080Ah
Read-Only
00h
INTRUSBE
Byte
FF 080Bh
Read/Write
06h
FRAME
Word
FF 080Ch
Read-Only
0000h
INDEX
Byte
FF 080Eh
Read/Write
00h
INDEXED
8-Word
FF 0810h-FF 081Fh
Read/Write
EP0FIFO
Dword
FF 0820h
Read/Write
EP1FIFO
Dword
FF 0824h
Read/Write
EP2FIFO
Dword
FF 0828h
Read/Write
EP3FIFO
Dword
FF 082Ch
Read/Write
DEVCTL
Byte
FF 0860h
Read/Write
00h
EP0NIND
8-Word
FF 0900h-FF 090Fh
Read/Write
EP1NIND
8-Word
FF 0910h-FF 091Fh
Read/Write
EP2NIND
8-Word
FF 0920h-FF 092Fh
Read/Write
EP3NIND
8-Word
FF 0930h-FF 093Fh
Read/Write
VCTRL
Word
FF 0C00h
Write-Only
0000h
VSTATUS
Byte
FF 0C02h
Read-Only
00h
XXX
CAN Module 0 Message Buffers
C0MB0_CNSTAT
Word
FF B800h
Read/Write
xxxxh
C0MB0_TSTP
Word
FF B804h
Read/Write
xxxxh
C0MB0_DATA3
Word
FF B808h
Read/Write
xxxxh
C0MB0_DATA2
Word
FF B80Ch
Read/Write
xxxxh
C0MB0_DATA1
Word
FF B810h
Read/Write
xxxxh
C0MB0_DATA0
Word
FF B814h
Read/Write
xxxxh
C0MB0_ID0
Word
FF B818h
Read/Write
xxxxh
C0MB0_ID1
Word
FF B81Ch
Read/Write
xxxxh
C0MB1
16- word
FF B820h-FF B83Fh
Read/Write
xxxxh
Same register layout as
C0MB0.
C0MB2
16- word
FF B840h-FF B85Fh
Read/Write
xxxxh
Same register layout as
C0MB0.
C0MB3
16- word
FF B860h-FF B87Fh
Read/Write
xxxxh
Same register layout as
C0MB0.
C0MB4
16- word
FF B880h-FF B89Fh
Read/Write
xxxxh
Same register layout as
C0MB0.
C0MB5
16- word
FF B8A0h-FF B8BFh
Read/Write
xxxxh
Same register layout as
C0MB0.
C0MB6
16- word
FF B8C0h-FF B8DFh
Read/Write
xxxxh
Same register layout as
C0MB0.
Copyright © 2013, Texas Instruments Incorporated
Register Map
347
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com