Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 345 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 345 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 341Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 342Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 343Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 344Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 345Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 346Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 347Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 348Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 349Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
33.2.8 Counter Register x Module n (COUNTx_n)
The COUNTx_n registers are 16-bit, read/write registers. There are four registers in each module, called
COUNT1_n through COUNT4_n, one for each of the four timer subsystems. Software may read the
registers at any time. Reading the register will return the current value of the counter. The register may
only be written if the counter is stopped (i.e., if both TxRUN bits associated with a timer sub- system are
clear). The registers are cleared at reset.
15
0
CNTx
33.2.9 Period/Capture Register x Module n (PERCAPx_n)
The PERCAPx_n registers are 16-bit, read/write registers. There are four registers called PERCAP1_n
through PERCAP4_n, one for each timer subsystem. The registers hold the period compare value in PWM
mode of the counter value at the time the last associated capture event occurred. In PWM mode the
register is double buffered. If a new period compare value is written while the counter is running, the write
will not take effect until counter value matches the previous period compare value or until the counter is
stopped. Reading may take place at any time and will return the most recent value which was written. The
PERCAPx_n registers are cleared at reset.
15
0
PCAPx
33.2.10 Duty Cycle/Capture Register x Module n (DTYCAPx_n)
The DTYCAPx_n registers are 16-bit, read/write registers. There are four registers called DTYCAP1_n
through DTYCAP4_n, one for each timer subsystem. The registers hold the period compare value in PWM
mode or the counter value at the time the last associated capture event occurred. In PWM mode, the
register is double buffered. If a new duty cycle compare value is written while the counter is running, the
write will not take effect until the counter value matches the previous period compare value or until the
counter is stopped. The update takes effect on period boundaries only. Reading may take place at any
time and will return the most recent value which was written. The DTYCAPx_n registers are cleared at
reset.
15
0
DCAPx
34 Register Map
Table 34-1 is a detailed memory map showing the specific memory address of the memory, I/O ports, and
registers. The table shows the starting address, the size, and a brief description of each memory block
and register. For detailed information on using these memory locations, see the applicable sections in the
data sheet.
All addresses not listed in the table are reserved and must not be read or written. An attempt to access an
unlisted address will have unpredictable results.
Each byte-wide register occupies a single address and can be accessed only in a byte-wide transaction.
Each wordwide register occupies two consecutive memory addresses and can be accessed only in a
word-wide transaction. Both the byte-wide and word-wide registers reside at word boundaries (even
addresses). Therefore, each byte-wide register uses only the lowest eight bits of the internal data bus.
Most device registers are read/write registers. However, some registers are read-only or write-only, as
indicated in the table. An attempt to read a write-only register or to write a read-only register will have
unpredictable results.
Copyright © 2013, Texas Instruments Incorporated
Register Map
345
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com