Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 349 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 349 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 345Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 346Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 347Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 348Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 349Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 350Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 351Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 352Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 353Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Table 34-1. Detailed Device Mapping (continued)
Value After
Register Name
Size
Address
Access Type
Comments
Reset
C1MB9
16- word
FF B892h - FF BD3Fh
Read/Write
xxxxh
Same register layout as
C1MB0.
C1MB10
16- word
FF BD40h - FF BD5Fh
Read/Write
xxxxh
Same register layout as
C1MB0.
C1MB11
16- word
FF BD60h - FF BD7Fh
Read/Write
xxxxh
Same register layout as
C1MB0.
C1MB12
16- word
FF BD80h - FF BD9Fh
Read/Write
xxxxh
Same register layout as
C1MB0.
C1MB13
16- word
FF BDA0h - FF BDBFh
Read/Write
xxxxh
Same register layout as
C1MB0.
C1MB14
16- word
FF BDC0h - FF BDDFh
Read/Write
xxxxh
Same register layout as
C1MB0.
CAN Module 1 Registers
CGCR1
Word
FF BE00h
Read/Write
0000h
CTIM1
Word
FF BE04h
Read/Write
0000h
GMSKX1
Word
FF BE08h
Read/Write
0000h
GMSKB1
Word
FF BE0Ch
Read/Write
0000h
BMSKX1
Word
FF BE10h
Read/Write
0000h
BMSKB1
Word
FF BE14h
Read/Write
0000h
CIEN1
Word
FF BE18h
Read/Write
0000h
CIPND1
Word
FF BE1Ch
Read Only
0000h
CICLR1
Word
FF BE20h
Write Only
0000h
CICEN1
Word
FF BE24h
Read/Write
0000h
CSTPND1
Word
FF BE28h
Read Only
0000h
CANEC1
Word
FF BE2Ch
Read Only
0000h
CEDIAG1
Word
FF BE30h
Read Only
0000h
CTMR1
Word
FF BE34h
Read Only
0000h
Bus Arbiter
MASTGP
Dword
FF F000h
Read/Write
0000 0000h
ARBALGO
Dword
FF F004h
Read/Write
0000 0001h
DFTMASK
Dword
FF F008h
Read/Write
0000 0002h
ARBCFGLK
Dword
FF F00Ch
Read/Write
0000 0000h
DMA Controller
ADCA0
Dword
FF 0400h
Read/Write
0000 0000h
ADRA0
Dword
FF 0404h
Read/Write
0000 0000h
ADCB0
Dword
FF 0408h
Read/Write
0000 0000h
ADRB0
Dword
FF 040Ch
Read/Write
0000 0000h
BLTC0
Dword
FF 0410h
Read/Write
0000 0000h
BLTR0
Dword
FF 0414h
Read/Write
0000 0000h
RQTR0
Dword
FF 0418h
Read/Write
0000 0000h
RQTCNT0
Dword
FF 041Ch
Read/Write
0000 0000h
DMACNT0
Dword
FF 0420h
Read/Write
000C 0000h
DMASTAT0
Dword
FF 0424h
Read/Write
0000 0000h
ADCA1
Dword
FF 0440h
Read/Write
0000 0000h
ADRA1
Dword
FF 0444h
Read/Write
0000 0000h
ADCB1
Dword
FF 0448h
Read/Write
0000 0000h
ADRB1
Dword
FF 044Ch
Read/Write
0000 0000h
BLTC1
Dword
FF 0450h
Read/Write
0000 0000h
BLTR1
Dword
FF 0454h
Read/Write
0000 0000h
RQTR1
Dword
FF 0458h
Read/Write
0000 0000h
RQTCNT1
Dword
FF 045Ch
Read/Write
0000 0000h
DMACNT1
Dword
FF 0460h
Read/Write
000C 0000h
DMASTAT1
Dword
FF 0464h
Read/Write
0000 0000h
Copyright © 2013, Texas Instruments Incorporated
Register Map
349
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com