Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 342 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 342 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 338Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 339Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 340Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 341Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 342Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 343Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 344Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 345Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 346Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
0 – Timer stopped.
1 – Timer running.
TMODx The Timer System Operating Mode field enables or disables the Timer Subsystem and defines
its operating mode.
00 Low-Power Mode. All clocks to the counter subsystem are stopped. The counter is
– stopped regardless of the value of the TxRUN bits. Read operations to the Timer
Subsystem will return the last value; software must not perform any write operations to the
Timer Subsystem while it is disabled since those will be ignored.
01 Dual 8-bit PWM mode. Each 8-bit counter may individually be started or stopped via its
– associated TxRUN bit. The TIOn_y pins will function as PWM outputs.
10 16-bit PWM mode. The two 8-bit counters are concatenated to form a single 16-bit
– counter. The counter may be started or stopped with the lower of the two TxRUN bits, i.e,.
T1RUN, T3RUN, T5RUN, and T7RUN. The TIOn_y pins will function as PWM outputs.
11 Capture Mode. Both 8-bit counters are concatenated and operate as a single 16-bit
– counter. The counter may be started or stopped with the lower of the two TxRUN bits, i.e.,
T1RUN, T3RUN, T5RUN, and T7RUN. The TIOn_y pins will function as capture inputs.
33.2.2 I/O Control Register 1 Module n (IO1CTL_n)
The IO1CTL_n registers are 16-bit, read/write registers. The registers control the I/O pins TIOn_1 through
TIOn_4 depending on the selected mode of operation. The registers are clear after reset.
15
14
12
11
10
8
7
6
4
3
2
0
P4POL
C4EDG
P3POL
C3EDG
P2POL
C2EDG
P1POL
C2EDG
CxEDG The Capture Edge Control field specifies the polarity of a capture event and the reset of the
counter. The value of this three bit field has no effect while operating in PWM mode.
CxEDG
CAPTURE
COUNTER RESET
000
Rising edge
No
001
Falling edge
No
010
Rising edge
Yes
011
Falling edge
Yes
100
Both edges
No
101
Both edges
Rising edge
110
Both edges
Falling edge
111
Both edges
Both edges
PxPOL
The PWM Polarity bit selects the output polarity. While operating in PWM mode the bit specifies
the polarity of the corresponding PWM output (TIOn_y). Once a counter is stopped, the output
will assume the value of PxPOL, i.e., its initial value. The PxPOL bit has no effect while
operating in capture mode.
0 – The PWM output goes high at the 00h to 01h transition of the counter and will go low
once the counter value matches the duty cycle value.
1 – The PWM output goes low at the 00h to 01h transition of the counter and will go high
once the counter value matches the duty cycle value.
33.2.3 I/O Control Register 2 Module n (IO2CTL_n)
The IO2CTL_n registers are 16-bit, read/write registers. The registers control the I/O pins TIOn_5 through
TIOn_8 depending on the selected mode of operation. The registers are cleared at reset.
342
Dual Versatile Timer Units (VTU)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com