Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 344 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 344 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 340Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 341Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 342Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 343Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 344Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 345Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 346Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 347Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 348Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
IxAPD
The Timer x Interrupt A Pending bit indicates that an interrupt condition for the related timer
subsystem has occurred. Table 33-1 lists the hardware condition which causes this bit to be set.
0 – No interrupt pending.
1 – Timer interrupt condition occurred.
IxBPD
The Timer x Interrupt B Pending bit indicates that an interrupt condition for the related timer
subsystem has occurred. Table 33-1 lists the hardware condition which causes this bit to be set.
0 – No interrupt pending.
1 – Timer interrupt condition occurred.
IxCPD The Timer x Interrupt C Pending bit indicates that an interrupt condition for the related timer
subsystem has occurred. Table 33-1 lists the hardware condition which causes this bit to be set.
0 – No interrupt pending.
1 – Timer interrupt condition occurred.
IxDPD The Timer x Interrupt D Pending bit indicates that an interrupt condition for the related timer
subsystem has occurred. Table 33-1 lists the hardware condition which causes this bit to be set.
0 – No interrupt pending.
1 – Timer interrupt condition occurred.
33.2.6 Clock Prescaler Register 1 Module n (CLK1PS_n)
The CLK1PS_n registers are 16-bit, read/write registers. The registers are split into two 8-bit fields called
C1PRSC and C2PRSC. Each field holds the 8-bit clock prescaler compare value for timer subsystems 1
and 2 respectively. The registers are cleared at reset.
15
8M M7
0
C2PRSC
C1PRSC
C1PRSC The Clock Prescaler 1 Compare Value field holds the 8-bit prescaler value for timer sub-
system 1. The counter of timer subsystem is incremented each time when the clock prescaler
compare value matches the value of the clock prescaler counter. The division ratio is equal to
(C1PRSC + 1). For example, 00h is a ratio of 1, and FFh is a ratio of 256.
C2PRSC The Clock Prescaler 2 Compare Value field holds the 8-bit prescaler value for timer sub-
system 2. The counter of timer subsystem is incremented each time when the clock prescaler
compare value matches the value of the clock prescaler counter. The division ratio is equal to
(C2PRSC + 1).
33.2.7 Clock Prescaler Register 2 Module n (CLK2PS_n)
The CLK2PS_n registers are 16-bit, read/write registers. The registers are split into two 8-bit fields called
C3PRSC and C4PRSC. Each field holds the 8-bit clock prescaler compare value for timer subsystems 3
and 4 respectively. The registers are cleared at reset.
15
8M M7
0
C3PRSC
C4PRSC
C4PRSC The Clock Prescaler 3 Compare Value field holds the 8-bit prescaler value for timer sub-
system 3. The counter of timer subsystem is incremented each time when the clock prescaler
compare value matches the value of the clock prescaler counter. The division ratio is equal to
(C3PRSC + 1).
C3PRSC The Clock Prescaler 4 Compare Value field holds the 8-bit prescaler value for timer sub-
system 4. The counter of timer subsystem is incremented each time when the clock prescaler
compare value matches the value of the clock prescaler counter. The division ratio is equal to
(C4PRSC + 1).
344
Dual Versatile Timer Units (VTU)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com