Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 321 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 321 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 317Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 318Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 319Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 320Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 321Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 322Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 323Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 324Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 325Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 407 page
background image
Reload/Capture A
TCRA_n
Timer/Counter
Clock Source
Action
TAn
Interrupt B
Interrupt A
Timer/Counter 1
TCNT1_n
Reload/Capture B
TCRB_n
Timer/Counter 2
TCNT2_n
PWM/Capture/Counter
Mode Select + Control
External Event
PCLK
Clock
TBn
DS448
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
frequency of T0IN divided by (1+ PRESET), in which PRESET is the value written to the TWMT0
register.
2. Configure the Watchdog clock to use either T0IN or T0OUT by setting or clearing the TWCFG.WDCT0I
bit.
3. Write the initial value into the WDCNT register. This starts operation of the Watchdog and specifies the
maximum allowed number of Watchdog clock cycles between service operations. Starting from this
point, the Watchdog must be periodically serviced to prevent a device reset.
4. Set the T0CSR.RST bit to restart the TWMT0 timer.
5. Lock the Watchdog registers and enable the Watchdog Service Data Match Enable function by setting
bits 0, 1, 2, 3, and 5 in the TWCFG register.
6. Service the Watchdog by periodically writing the value 5Ch to the WDSDM register at an appropriate
rate. Servicing must occur at least once per period programmed into the WDCNT register, but no more
than once in a single Watchdog input clock cycle.
32 Dual Multi-Function Timers
The two Multi-Function Timer modules each contain a pair of 16-bit timer/counters. Each timer/counter unit
offers a choice of clock sources for operation and can be configured to operate in any of the following
modes:
•
Processor-Independent Pulse Width Modulation (PWM) mode, which generates pulses of a specified
width and duty cycle, and which also provides a general-purpose timer/counter.
•
Dual-Input Capture mode, which measures the elapsed time between occurrences of external events,
and which also provides a general-purpose timer/counter.
•
Dual Independent Timer mode, which generates system timing signals or counts occurrences of
external events.
•
Single-Input Capture and Single Timer mode, which provides one external event counter and one
system timer.
Each timer unit uses two I/O pins, called TAn and TBn. (Only TA0 is available in the FBGA-144 package.)
32.1 Timer Structure
Figure 32-1 is a block diagram showing the internal structure of the MFT. There are two main functional
blocks: a Timer/ Counter and Action block and a Clock Source block. The Timer/Counter and Action block
contains two separate timer/counter units, called Timer/Counter 1 and Timer/Counter 2.
Figure 32-1. Multi-Function Timer Block Diagram
Copyright © 2013, Texas Instruments Incorporated
Dual Multi-Function Timers
321
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com