Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 316 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 316 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 312Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 313Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 314Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 315Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 316Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 317Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 318Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 319Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 320Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 407 page
background image
5-Bit Prescaler Counter
(TWCP)
REAL TIME TIMER (T0)
WATCHDOG
Restart
Restart
Underflow
Underflow
Slow
Clock
T0LINT
(to ICU)
T0OUT
(to Multi-Input-
Wake-Up)
WDERR
Watchdog Error
16-Bit Timer
(Timer0)
WATCHDOG
Timer
WATCHDOG
Service
Logic
TWW/MT0 Register
T0CSR Contrl. Reg.
WDSDM
WDCNT
DS080
T0IN
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
Figure 31-1. Timing and Watchdog Module Block Diagram
When the counter reaches zero, an internal timer signal called T0OUT is set for one T0IN clock cycle.
This signal sets the TC bit in the TWMT0 Control and Status Register (T0CSR). It also asserts an interrupt
(IRQ70), when enabled by the T0CSR.T0INTE bit. T0OUT is also an input to the MIWU (see Section 17),
so an edge-triggered interrupt is also available through this alternative mechanism.
If software loads the TWMT0 register with a new value, the timer uses that value the next time that it
reloads the 16-bit timer register (in other words, after reaching zero). Software can restart the timer at any
time (on the very next edge of the T0IN clock) by setting the Restart (RST) bit in the T0CSR register. The
T0CSR.RST bit is cleared automatically upon restart of the 16-bit timer.
NOTE
To enter Power Save or Idle mode after setting the T0CSR.RST bit, software must wait for
the reset operation to complete before performing the switch.
31.3 Watchdog Operation
The Watchdog is an 8-bit down counter that operates on the rising edge of a specified clock source. At
reset, the Watchdog is disabled; it does not count and no Watchdog signal is generated. A write to either
the Watchdog Count (WDCNT) register or the Watchdog Service Data Match (WDSDM) register starts the
counter. The Watchdog counter counts down from the value programmed in the WDCNT register. Once
started, only a reset can stop the Watchdog from operating.
The Watchdog can be programmed to use either T0OUT or T0IN as its clock source (the output and input
of Timer T0, respectively). The TWCFG.WDCT0I bit selects the clock source.
Software must periodically service the Watchdog. There are two ways to service the Watchdog, the choice
depending on the programmed value of the WDSDME bit in the Timer and Watchdog Configuration
(TWCFG) register.
If the TWCFG.WDSDME bit is clear, the Watchdog is serviced by writing a value to the WDCNT register.
The value written to the register is reloaded into the Watchdog counter. The counter then continues
counting down from that value.
316
Timing and Watchdog Module
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com