Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 314 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 314 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 310Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 311Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 312Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 313Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 314Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 315Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 316Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 317Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 318Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
15
0
RTCRD
30.4.7 RTC Counter Load Register (RTCLD)
The RTCLD register is a 32-bit, read/write register used to load a new value into the 32-bit counter. The
counter will be loaded on the next rising edge of its input clock (prescaler output). When the RTCLD
register is written, the RTURTC bit in the RTUDST register is set. This bit is cleared when the value in the
RTCLD register is loaded into the counter. When the RTCLD register is read, it returns the last value that
was written to it. At system reset or power-on reset, this register is cleared to 0000 0000h.
15
0
RTCLD
30.4.8 RTC Compare Register 1 (RTCCMP1)
The RTCCMP register is a 16-bit, read/write register which holds a value compared with the contents of
the 16-bit prescaler. When this register is loaded, the RTUCP1 bit in the RTUDST register is set, and the
bit remains set until the up- dated RTCCMP1 register value takes effect. When the contents of the
RTCCMP1 register matches the contents of the prescaler, the prescaler will be cleared on the next rising
edge of its input clock (divider output), and the RTCEVT1 bit in the RTCEIST register is set. If the
RTCIEN1 bit in the RTCIEN register is set, an interrupt is asserted. System reset does not affect this
register. At power-on reset, this register is initialized to 7FFFh.
15
0
RTCCMP1
30.4.9 RTC Compare Register 2 (RTCCMP2)
The RTCCMP2 register is a 32-bit, read/write register which holds a value compared with the contents of
the 32-bit counter. When this register is loaded, the RTUCP2 bit in the RTUDST register is set, and the bit
remains set until the up- dated RTCCMP2 register value takes effect. When the contents of the RTCCMP2
register matches the contents of the counter, the RTCEVT2 bit in the RTCEIST register is set. If the
RTCIEN2 bit in the RTCIEN register is set, an interrupt is asserted. System reset does not affect this
register. At power-on reset, this register is initialized to FFFF FFFFh.
31
0
RTCCMP2
30.4.10 RTC Compare Register 3 (RTCCMP3)
The RTCCMP3 register is a 32-bit, read/write register which holds a value compared with the contents of
the 32-bit counter. When this register is loaded, the RTUCP3 bit in the RTUDST register is set, and the bit
remains set until the updated RTCCMP3 register value takes effect. When the contents of the RTCCMP3
register matches the contents of the counter, the RTCEVT3 bit in the RTCEIST register is set. If the
RTCIEN3 bit in the RTCIEN register is set, an interrupt is asserted. System reset does not affect this
register. At power-on reset, this register is initialized to FFFF FFFFh.
31
0
RTCCMP3
314
Timing and Watchdog Module
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com