Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 279 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 279 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 275Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 276Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 277Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 278Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 279Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 280Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 281Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 282Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 283Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
UPSC
The Prescaler field specifies the prescaler value used for dividing the PCLK Clock in the first
stage of the two-stage divider chain. For the prescaler factors corresponding to each 5-bit
value, see Table 27-1.
UDIV10:8
The Baud Rate Divisor field holds the three most significant bits (bits 10, 9, and 8) of the
UART baud rate divisor used in the second stage of the two-stage divider chain. The
remaining bits of the baud rate divisor are held in the UnBAUD register.
27.3.6 UART Baud Rate Divisor (UnBAUD)
The UnBAUD registers are 8-bit, read/write registers that contain the lower eight bits of the baud rate
divisor. The register contents are unknown at power-up and are left un- changed by a reset operation. The
register format is shown below.
7
0
UDIV7:0
UDIV7:0
The Baud Rate Divisor field holds the eight lowest-order bits of the UART baud rate divisor
used in the second stage of the two-stage divider chain. The three most significant bits are
held in the UnPSR register. The divisor value used is (UDIV[10:0] + 1).
27.3.7 UART Frame Select Register (UnFRS)
The UnFRS registers are 8-bit, read/write registers that con- trol the frame format, including the number of
data bits, number of stop bits, and parity type. These registers are cleared at reset. The register format is
shown below.
7
6
5
4
3
2
1
0
Reserved
UPEN
UPSEL
UXB9
USTP
UCHAR
UCHAR
The Character Frame Format field selects the number of data bits per frame, not including
the parity bit.
00 – 8 data bits per frame.
01 – 7 data bits per frame.
10 – 9 data bits per frame.
11 – Loop-back mode, 9 data bits per frame.
USTP
The Stop Bits bit specifies the number of stop bits transmitted in each frame.
0 – One stop bit per frame.
1 – Two stop bits per frame.
UXB9
The Transmit 9th Data Bit holds the value of the ninth data bit, either 0 or 1, transmitted
when the UART is configured to transmit nine data bits per frame. It has no effect when the
UART is configured to transmit seven or eight data bits per frame.
UPSEL
The Parity Select field selects the treatment of the parity bit. When the UART is configured
to transmit nine data bits per frame, the parity bit is omitted and the UPSEL field is ignored.
00 – Odd parity.
01 – Even parity.
10 – No parity, transmit 1 (mark).
11 – No parity, transmit 0 (space).
UPEN
The Parity Enable bit enables or disables parity generation and parity checking. When the
UART is configured to transmit nine data bits per frame, there is no parity bit and the
UnPEN bit is ignored.
0 – Parity generation and checking disabled.
1 – Parity generation and checking enabled.
Copyright © 2013, Texas Instruments Incorporated
Dual/Quad UART
279
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com