Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 276 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 276 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 272Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 273Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 274Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 275Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 276Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 277Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 278Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 279Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 280Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
27.3.1 UART Interrupt Control Register (UnICTRL)
The UnICTRL registers are 8-bit, read/write registers that contain the receive and transmit interrupt status
bits (read-only bits) and the interrupt enable bits (read/write bits). The register is initialized to 01h at reset.
7
6
5
4
3
2
1
0
UEEI
UERI
UETI
UEFCI
UCTS
UDCTS
URBF
UTBE
UTBE
The Transmit Buffer Empty bit is set by hard- ware when the UART transfers data from the
UnTBUF register to the transmit shift register for transmission. It is automatically cleared by
the hardware on the next write to the UnTBUF register.
0 – Transmit buffer is loaded.
1 – Transmit buffer is empty.
URBF
The Receive Buffer Full bit is set by hardware when the UART has received a complete data
frame and has transferred the data from the receive shift register to the UnRBUF register. It is
automatically cleared by the hardware when the UnRBUF register is read.
0 – Receive buffer is empty.
1 – Receive buffer is loaded.
UDCTS
The Delta Clear To Send bit indicates whether the CTSn input has changed state since the
CPU last read this register. This bit is only used with UART0, UART1, and UART2.
0 – No change since last read.
1 – State has changed since last read.
UCTS
UCTS The Clear To Send bit indicates the state on the CTS input. This bit is only used with
UART0, UART1, and UART2.
0 – CTSn input is high.
1 – CTSn input is low.
UEFCI
The Enable Flow Control Interrupt bit controls whether a flow control interrupt is asserted
when the UDCTS bit changes from clear to set. This bit is only used with UART0, UART1, and
UART2.
0 – Flow control interrupt disabled.
1 – Flow control interrupt enabled.
UETI
The Enable Transmitter Interrupt bit, when set, enables generation of an interrupt when the
hardware sets the UTBE bit.
0 – Transmit buffer empty interrupt disabled.
1 – Transmit buffer empty interrupt enabled.
UERI
The Enable Receiver Interrupt bit, when set, enables generation of an interrupt when the
hardware sets the URBF bit.
0 – Receive buffer full interrupt disabled.
1 – Receive buffer full interrupt enabled.
UEEI
The Enable Receive Error Interrupt bit, when set, enables generation of an interrupt when the
hardware sets the UERR bit in the Un-STAT register.
0 – Receive error interrupt disabled.
1 – Receive error interrupt enabled.
27.3.2 UART Status Register (UnSTAT)
The UnSTAT registers are 8-bit, read-only registers that contain the receive and transmit status bits.
These registers are cleared at reset. Any attempt by software to write to these registers is ignored. The
register format is shown below.
7
6
5
4
3
2
1
0
Reserved
UXMIP
URB9
UBKD
UERR
UDOE
UFE
UPE
276
Dual/Quad UART
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com