Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 254 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 254 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 250Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 251Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 252Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 253Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 254Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 255Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 256Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 257Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 258Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 407 page
background image
APB Bus
Filter
Engine
1-Bit 64 kHz
16-Bit
16-Bit
64 kHz
64 kHz
16-Bit x 8-Word
CVSD Out FIFO
16-Bit 8 kHz
CVSD
Encoder
DMA
Interrupt
2 MHz
Clock Input
CVSD
Decoder
u/A-Law
16-Bit 8 kHz
u/A-Law
DS446
1-Bit 64 kHz
16-Bit x 8-Word
CVSD In FIFO
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
•
Fixed-rate mode—125 µs (8 kHz) per PCM sample, based on a 2 MHz module clock frequency.
Intended for exchanging data with an external codec.
•
Free-running mode—runs at any module clock frequency up to the PCLK Clock frequency. CVSD
transcoder activity is governed by DMA acknowledgment on CVSDIN and CVSDOUT channels.
Intended for exchanging PCM data over a Bluetooth channel.
On the CVSD side, read and write FIFOs buffer up to 8 words of data. On the PCM side, double-buffered
registers are provided. The intended use is to move CVSD data with an interrupt handler, and to move
PCM data with DMA. Figure 26-1 is a block diagram of a CVSD/PCM converter module.
Figure 26-1. CVSD/PCM Converter Block Diagram
26.1 Operation
In fixed-rate mode, the module converts between PCM data and CVSD data at a fixed PCM data rate of 8
kHz. Due to compression, the data rate on the CVSD side is only 4 kHz.
If PCM interrupts are enabled, every 125 µs (8 kHz) an interrupt will occur and the interrupt handler can
operate on some or all of the four audio streams: CVSD in, CVSD out, PCM in, and PCM out.
Alternatively, a DMA request is issued every 125 µs and the DMA controller is used to move the PCM
data between the CVSD/PCM module and the audio interface.
If CVSD interrupts are enabled, an interrupt is issued when either one of the CVSD FIFOs is almost empty
or almost full. On the PCM data side there is double buffering, and on the CVSD side there is an eight
word (8-bit × 16-bit) FIFO for the read and write paths.
Inside the module, a filter engine receives the 8-kHz stream of 16-bit samples and interpolates to generate
a 64-kHz stream of 16-bit samples. This goes into a CVSD encoder which converts the data into a single-
bit delta stream using the CVSD parameters as defined by the Bluetooth specification. There is a similar
path that reverses this process, converting the CVSD 64-kHz bit stream into a 64-kHz 16-bit data stream.
The filter engine then decimates this stream into an 8-kHz, 16-bit data stream.
254
Dual CVSD/PCM Conversion Modules
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com