Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 253 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 253 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 249Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 250Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 251Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 252Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 253Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 254Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 255Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 256Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 257Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
RXSTATUSL The Receive FIFO Status Left Channel field indicates the current fill level of the left
channel receive FIFO. This field is not sticky, so an overrun condition may disappear
before software reads this field. Use the RXERIRQ bit to determine whether a FIFO
overrun has occurred. The RXST bit in the I2SRXCTL register controls the interpretation
of this field.
RXSTATUSL FIELD
RXST BIT
DESCRIPTION
1Fh
X
Overrun error (written while full)
1Eh
X
Underrun error (read while empty)
00h to 08h
0
0 to 8 empty words
00h to 08h
1
0 to 8 filled words
WSSTAT
The Word Select Status field indicates the length of one phase of the word select signal
US
I2SSWS in terms of the number of periods of the I2S bus clock I2SCLK. This is useful in
slave mode, so that software can determine the number of bits being sent by the master.
25.3.5 I
2S Receiver Left Channel Data Register (I2SRXDATALEFT)
The I2SRXDATALEFT register is a 32-bit, read-only register used to unload the left channel receive FIFO.
At reset, this register is initialized to 0000 000h.
31
0
Reserved
25.3.6 I
2S Receiver Right Channel Data Register (I2SRXDATARIGHT)
The I2SRXDATARIGHT register is a 32-bit, read-only register used to unload the right channel receive
FIFO. At reset, this register is initialized to 0000 000h.
31
0
Reserved
25.3.7 I
2S Transmitter Left Channel Data Register (I2STXDATALEFT)
The I2STXDATALEFT register is a 32-bit, write-only register used to load the left channel transmit FIFO.
At reset, this register is initialized to 0000 000h.
31
0
Reserved
25.3.8 I
2S Transmitter Right Channel Data Register (I2STXDATARIGHT)
The I2STXDATARIGHT register is a 32-bit, write-only register used to load the right channel transmit
FIFO. At reset, this register is initialized to 0000 000h.
31
0
Reserved
26 Dual CVSD/PCM Conversion Modules
The CVSD/PCM modules perform conversion between CVSD data and PCM data, in which the CVSD
encoding is that used in Bluetooth communication and the PCM encoding may be 8-bit µ-Law, 8-bit A-
Law, or 13-bit to 16-bit linear.
A CVSD module can operate in either of two modes:
Copyright © 2013, Texas Instruments Incorporated
Dual CVSD/PCM Conversion Modules
253
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com