Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 392 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 392 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 388Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 389Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 390Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 391Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 392Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 393Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 394Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 395Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 396Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 392 / 407 page
background image
9
DS337
10
11
12
5
6
7
8
1
2
3
4
13
14
15
B
C
D
E
F
G
H
A
J
K
L
M
N
P
R
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
37 Pin Assignments
FBGA PACKAGE
224-PIN
(TOP VIEW)
Table 37-1. Pin Assignments for 224-Pin Package
PIN
SIGNAL NAME
POWER SUPPLY DOMAIN
A1
No connect
IOVCC
A2
PE10
IOVCC
A3
PE12
IOVCC
A4
PH13
IOVCC
A5
PH2
IOVCC
A6
PG14
IOVCC
A7
IOGND
A8
PF1
RFVCC
A9
PF5
RFVCC
A10
PG8
IOVCC
A11
PG4
IOVCC
A12
PH12
IOVCC
A13
PH10
IOVCC
A14
PH8
IOVCC
A15
TCRP
CODEC OUT
B1
PH14
IOVCC
B2
PE8
IOVCC
B3
PE9
IOVCC
B4
PE13
IOVCC
B5
PH3
IOVCC
B6
PG15
IOVCC
B7
PG10
IOVCC
B8
PF0
RFVCC
392
Pin Assignments
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com