Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3910 Datasheet(PDF) 62 Page - STMicroelectronics

Part # ST25R3910
Description  AM/PM demodulator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3910 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button ST25R3910 Datasheet HTML 57Page - STMicroelectronics ST25R3910 Datasheet HTML 58Page - STMicroelectronics ST25R3910 Datasheet HTML 59Page - STMicroelectronics ST25R3910 Datasheet HTML 60Page - STMicroelectronics ST25R3910 Datasheet HTML 61Page - STMicroelectronics ST25R3910 Datasheet HTML 62Page - STMicroelectronics ST25R3910 Datasheet HTML 63Page - STMicroelectronics ST25R3910 Datasheet HTML 64Page - STMicroelectronics ST25R3910 Datasheet HTML 65Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 62 / 65 page
background image
Package information
ST25R3910
62/65
DocID029768 Rev 2
Table 44. QFN32 5 mm x 5 mm dimensions(1)
1. All dimensions are in mm. All angles are in degrees.
Symbol
(as specified in Figure 13)
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0
0.02
0.05
A2
-
0.65
1.00
A3
-
0.20
-
L
0.35
0.40
0.45
q0º
-
14º
b
0.18
0.25
0.30
D
-
5.00 (with BSC)
-
E
-
5.00 (with BSC)
-
e
-
0.50 (with BSC)
-
D2
3.40
3.50
3.60
E2
3.40
3.50
3.60
D1
-
4.75 (with BSC)
-
E1
-
4.75 (with BSC)
-
aaa
-
0.15
-
bbb
-
0.10
-
ccc
-
0.10
-
ddd
-
0.05
-
eee
-
0.08
-
fff
-
0.10
-
N(2)
2. Total number of terminals.
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com