Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3910 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST25R3910
Description  AM/PM demodulator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3910 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST25R3910 Datasheet HTML 7Page - STMicroelectronics ST25R3910 Datasheet HTML 8Page - STMicroelectronics ST25R3910 Datasheet HTML 9Page - STMicroelectronics ST25R3910 Datasheet HTML 10Page - STMicroelectronics ST25R3910 Datasheet HTML 11Page - STMicroelectronics ST25R3910 Datasheet HTML 12Page - STMicroelectronics ST25R3910 Datasheet HTML 13Page - STMicroelectronics ST25R3910 Datasheet HTML 14Page - STMicroelectronics ST25R3910 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 65 page
background image
DocID029768 Rev 2
11/65
ST25R3910
Functional overview
35
Figure 3. Minimum configuration with differential antenna driving (including EMC filter)
1.2.1
Operating modes
The ST25R3910 operating mode is defined by the contents of the Operation Control
Register.
At power-up all bits of the Operation Control Register are set to 0, the ST25R3910 is in
Power-down mode. In this mode AFE static power consumption is minimized, only the POR
and part of the bias are active, while the regulators are transparent and are not operating.
The SPI is still functional in this mode so all settings of ISO mode definition and
configuration registers can be done.
Control bit en (bit 7 of the Operation Control Register) is controlling the quartz crystal
oscillator and regulators. When this bit is set, the device enters in Ready mode. In this mode
the quartz crystal oscillator and regulators are enabled. An interrupt is sent to inform the
microcontroller when the oscillator frequency is stable.
Enable of receiver and transmitter are separated so it is possible to operate one without
switching on the other (control bits rx_en and tx_en). In some cases this may be useful, if
the reader field has to be maintained and there is no tag response expected, the receiver
can be switched-off to save current. Another example is the NFCIP-1 active communication
receive mode in which the RF field is generated by the initiator and only the receiver
operates.
The receiver also has a Low power mode in which its power consumption (and then its
sensitivity) is reduced. This mode is entered in by setting control bit rx_lp.
The last control bit of the Operation Control Register is nfc_t bit. Setting of this bit is only
allowed in case the NFC mode is set in the ISO mode definition register. Setting this bit to
one, while all other bits are set to 0, puts the ST25R3910 into Initial NFC Target mode. In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com