Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3910 Datasheet(PDF) 50 Page - STMicroelectronics

Part # ST25R3910
Description  AM/PM demodulator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3910 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button ST25R3910 Datasheet HTML 46Page - STMicroelectronics ST25R3910 Datasheet HTML 47Page - STMicroelectronics ST25R3910 Datasheet HTML 48Page - STMicroelectronics ST25R3910 Datasheet HTML 49Page - STMicroelectronics ST25R3910 Datasheet HTML 50Page - STMicroelectronics ST25R3910 Datasheet HTML 51Page - STMicroelectronics ST25R3910 Datasheet HTML 52Page - STMicroelectronics ST25R3910 Datasheet HTML 53Page - STMicroelectronics ST25R3910 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 65 page
background image
ST25R3910
50/65
DocID029768 Rev 2
1.3.19
Antenna Driver AM Modulated Level Definition Register
Address: 12h
Type: RW
1.3.20
Antenna Driver Non-Modulated Level Definition Register
Address: 13h
Type: RW
Table 26. Antenna Driver AM Modulated Level Definition Register(1)
Bit
Name
Default
Function
Comments
7
dram7
0
MSB
Antenna drivers are composed of 8 binary
weighted segments. Setting one of dram bits to 1
will disable the corresponding segment during
AM modulated state in case am_s bit is set to 1.
6
dram6
0
-
5
dram5
0
-
4
dram4
0
-
3
dram3
0
-
2
dram2
0
-
1
dram1
0
-
0
dram0
0
LSB
1. At power-up and after Set Default command content of this register is set to 0.
Table 27. Antenna Driver Non-Modulated Level Definition Register(1)
Bit
Name
Default
Function
Comments
7
droff7
0
MSB
Antenna drivers are composed of 8 binary
weighted segments. Setting one of droff bits to 1
will disable the corresponding segment during
normal non-modulated operation.
6droff6
0
-
5droff5
0
-
4droff4
0
-
3droff3
0
-
2droff2
0
-
1droff1
0
-
0droff0
0
LSB
1. At power-up and after Set Default command content of this register is set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com