Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3910 Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST25R3910
Description  AM/PM demodulator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3910 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST25R3910 Datasheet HTML 25Page - STMicroelectronics ST25R3910 Datasheet HTML 26Page - STMicroelectronics ST25R3910 Datasheet HTML 27Page - STMicroelectronics ST25R3910 Datasheet HTML 28Page - STMicroelectronics ST25R3910 Datasheet HTML 29Page - STMicroelectronics ST25R3910 Datasheet HTML 30Page - STMicroelectronics ST25R3910 Datasheet HTML 31Page - STMicroelectronics ST25R3910 Datasheet HTML 32Page - STMicroelectronics ST25R3910 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 65 page
background image
DocID029768 Rev 2
29/65
ST25R3910
Functional overview
35
During reception situation is similar. In case the FIFO is loaded with more data than the
receive water level, an interrupt is sent and the microcontroller in turn reads the data from
the FIFO.
When reception is finished an interrupt is sent to the microcontroller (INTR due to end of
receive), additionally the FIFO Status Register displays the number of bytes in the FIFO that
are still to be read out.
1.2.13
NFCIP-1 operation
The ST25R3910 supports only NFCIP-1 106 kbit/s active mode.
For operation in this mode, the bit nfc has to be set in the ISO Mode Definition Register.
Next, the NFCIP Field Detection Threshold Register has to be written to define the
thresholds for Target activation and RF Collision avoidance (see Section 1.1.5: External
field detector on page 8).
Note:
In the NFC mode the transmitter enable bit (tx_en) is never set in the Operation Control
Register. The transmitter is activated automatically by the NFC transmit commands.
NFCIP target
The ST25R3910 enters in the Initial NFC Target mode by setting the nfc_t bit in the
Operation Control Register. In this low power mode only the Target Activation Detector is
running.
When presence of an external the RF field is detected an interrupt is sent (INTR due to NFC
event). The microcontroller can now activate the oscillator, regulators and receiver. As
explained in Target Activation Detector, the Target Activation Detector may also be used to
detect the moment when initiator turns off its RF field. If the delay time after which the
initiator turns off its field after sending its request is known, this feature is not needed and
the Target Activation Detector can be turned off by setting bit nfc_t low after presence of the
initiator field is detected.
At this point direct command Unmask Receive Data has to be sent to put the Receiver and
control logic in the receive mode. The ST25R3910 is now ready to receive request from the
initiator. Procedure during the reception is the same as in case of the ISO-14443 mode.
The target response is done in the same way as in case of the ISO-14443 transmission,
only that the command which actually starts the transmission is either NFC transmit with
Response RF Collision Avoidance or NFC transmit with Response RF Collision Avoidance
with n=0. These two commands perform the RF Collision avoidance procedure before
actually starting the transmission. In case an external RF field is detected during the RF
Collision avoidance procedure an interrupt is sent (INTR due to NFC event) and the
transmission is not performed.
At this point the ST25R3910 is waiting for a new request from the initiator.
In case the Target Activation Detector is still enabled an interrupt will be generated when the
initiator switch on its field. This is additional information for the external controller, but it is
not required by the receiver. The receiver is already running, reception will be done
automatically and an interrupt will be sent when reception will be completed (or when the
FIFO water level will be reached in case of a long request).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com